Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 34 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 30Page - Analog Devices ADPD6000 Datasheet HTML 31Page - Analog Devices ADPD6000 Datasheet HTML 32Page - Analog Devices ADPD6000 Datasheet HTML 33Page - Analog Devices ADPD6000 Datasheet HTML 34Page - Analog Devices ADPD6000 Datasheet HTML 35Page - Analog Devices ADPD6000 Datasheet HTML 36Page - Analog Devices ADPD6000 Datasheet HTML 37Page - Analog Devices ADPD6000 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 89 page
background image
Data Sheet
ADPD6000
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 34 of 89
Recommended Configurations for Multimodal
Measurement
The following is one of the recommended configurations for BIOZ,
ECG, and PPG operation. The data pattern in the FIFO is ECG × 5
+ PPG_A + PPG_B + BIOZ_A + BIOZ_B + BIOZ_C + BIOZ_D = 52
bytes.
#System configuration
0006 0034 # FIFO Interrupt Generation Thresh►
old 52bytes
000F 0002 # Enable Low Frequency Oscillator
960KHz
0009 00B2 # High frequency oscillator Frequen►
cy control
000B 0206 # Low frequency oscillator Frequency
control
0046 2004 # better ambient setting
004C 400B # lower current setting
005B 0C20 # better ambient settling
000D 2580 # 100Hz ODR = 960k/9600
0020 0022 # All the inputs connected to Cath►
ode1 when input pair sleep
0021 0000 # Use as two single ended inputs &
Cathode1 set to VDD during sleep
# Slot A with IR LED
0120 1800 # Two region digital integrate mode
0121 4528 # TIA + BUF + ADC (1x TIA config) &
Enable coarse and fine ambient_cancellation
0122 0001 # inp1 to channel 1
0123 5002 # Precondition with AFE_Vref & VC1 =
V_Delta
0124 FAD2 # Enable tia saturation detection,
AFE_Vref = 0.885V tia_gain_ch1&ch2=100k, chan►
nel1 & channel2 Buffer gain = 2 (Rfb/Rin =
100K/50K)
0125 3000 # Channel1 & channel2 integrator ca►
pacitor = 12.6pF
0128 8400 # LED current setting
4*1.57mA(=6.3mA) on output 2B
012A 0D02 # num_int=13, num_repeat=2
012B 008A # min_period=138
012C 245B # led_width=36, led_offset=91
0135 0004 # Dark size=0 & Signal size=4
0138 0065 # lit_offset=101
0139 53B0 # dark2_offset=167, dark1_offset=48
# Slot B with Green LED
0140 1800 # Two region digital integrate mode
0141 4528 # TIA + BUF + ADC (1x TIA config) &
Enable coarse and fine ambient_cancellation
0142 0030 # inp4 to channel 1
0143 5002 # Precondition with AFE_Vref & VC1 =
V_Delta
0144 FAD2 # Enable tia saturation detection,
AFE_Vref = 0.885V tia_gain_ch1&ch2=100k, chan►
nel1 & channel2 Buffer gain = 2 (Rfb/Rin =
100K/50K)
0145 3000 # Channel1 & channel2 integrator ca►
pacitor = 12.6pF
0148 000B # LED current setting
11*1.57mA(=17mA) on output 1A
014A 0A03 # num_int=10, num_repeat=3
014B 003A # min_period=58
014C 183C # led_width=24, led_offset=60
0155 0004 # Dark size=0 & Signal size=4
0158 0040 # lit_offset=64
0159 2D30 # dark2_offset=90, dark1_offset=48
#ECG setting
001E 0200 # Enable ECG sat status byte
0074 0028 # ECG ACLO LPF coefficient
0077 0100 # ECG PGA power optimization
0100 043F # ECG input connection, resolution
286nV/LSB, RLD output is Regulated common-mode
input; enable RLD DCLO,RLD DCLO threshold
AVDD3V-0.4V/0.4V, enable RLD loop
0101 9FAF # ACLO: enable, excite current 10nA,
threshold max; DCLO: enable, excite current
6nA, threshold AVDD3V-0.4V,ECGIN source, ECGIP
source
0102 0029 # ratio of ECG to PPG ODR is 5,
ECG/PPG = 500Hz/100Hz
# BIOZ Time slot A configure #
02A0 0003 #tia/dacref enable
02A7 320D #exbuf enable
02AA 2E30 #amp/pag enable
02A2 0001 #sinewave frequency is 50kHz
02A1 99A2 #sinewave frequency is 50kHz
02AB 2803 #switch connection to measure exter►
nal Rcal voltage
02AD 0004 #bypass the SINC filter
02AE 0008 #DFT number is 1024
# BIOZ Time slot B configure #
02C0 0003 #tia/dacref enable
02C7 320D #exbuf enable
02CA 2E30 #amp/pag enable
02C2 0001 #sinewave frequency is 50kHz
02C1 99A2 #sinewave frequency is 50kHz
02CB 0003 #switch connection to measure exter►
nal Rcal current
02CD 0004 #bypass the SINC filter
02CE 0008 #DFT number is 1024
# BIOZ Time slot C configure #
02E0 0003 #tia/dacref enable
02E7 320D #exbuf enable
02EA 2E30 #amp/pag enable
02E2 0001 #sinewave frequency is 50kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com