Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 74 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 70Page - Analog Devices ADPD6000 Datasheet HTML 71Page - Analog Devices ADPD6000 Datasheet HTML 72Page - Analog Devices ADPD6000 Datasheet HTML 73Page - Analog Devices ADPD6000 Datasheet HTML 74Page - Analog Devices ADPD6000 Datasheet HTML 75Page - Analog Devices ADPD6000 Datasheet HTML 76Page - Analog Devices ADPD6000 Datasheet HTML 77Page - Analog Devices ADPD6000 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 74 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
1: source current.
2
ECG_DCLO_POLARITY_IP
DC lead off output current polarity at ECGIP.
0x1
R/W
0: sink current.
1: source current.
[1:0]
ECG_DCLO_THRESHOLD
DC lead off threshold selection for the ECG inputs.
0x0
R/W
00: high threshold = AVDD3 − 0.1 V.
01: high threshold = AVDD3 − 0.2 V.
10: high threshold = AVDD3 − 0.3 V.
11: high threshold = AVDD3 − 0.4 V.
0x0102 ECG_DIG_CTRL1
[15:9]
RESERVED
Reserved.
0x0
R
[8:3]
ECG_OVERSAMPLING_RATIO
This field must be configured as ratio = ECG_ODR_SEL/(960
kHz/TIMESLOT_PERIOD_x) if using an internal low frequency
oscillator, or ratio = ECG_ODR_SEL/(external sync rate) if using
external triggers. The result is rounded up to the nearest integer.
0x3
R/W
[2:0]
ECG_ODR_SEL
ECG ODR.
0x0
R/W
000: 250 Ω.
001: 500 Ω.
010: 1 kΩ.
011: 2 kΩ.
100: 4 kΩ.
0x0103 ECG_DIG_CTRL2
[15:6]
RESERVED
Reserved.
0x0
R
5
ECG_ACLO_INV
The polarity of the ACLO signal can be inverted, and this can
be used to have the signal inverted on every other channel.
When set (1), ACLO is inverted, when cleared (0), ACLO is not
inverted.
0x0
R/W
4
ECG_BYPASS_EQLZR
Bypass equalizer filter in ECG postprocessing path.
0x0
R/W
[3:0]
ECG_CAL_GAIN
Calibrated gain ECG.
0x0
R/W
0000: 1.0000.
0001: 1.0039.
0010: 1.0078.
0011: 1.0117.
0100: 1.0156.
0101: 1.0195.
0110: 1.0234.
0111: 1.0273.
1000: 0.9688.
1001: 0.9727.
1010: 0.9766.
1011: 0.9805.
1100: 0.9844.
1101: 0.9883.
1110: 0.9922.
1111: 0.9961.
0x0120 TS_CTRL_A
15
SUBSAMPLE_x
Subsample using DECIMATE_FACTOR_x. When this bit is set,
operate the time slot only once per (DECIMATE_FACTOR_X
+ 1) time slot sequences. This subsampling aligns to other
time slots using the same decimate factor. Subsampling skips
DECMATE_FACTOR_x times and then executes the time slot.
0x0
R/W
0x0140 TS_CTRL_B
14
CH2_EN_x
Channel 2 enable.
0x0
R/W
0x0160 TS_CTRL_C
0: Channel 2 disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com