Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 52 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 48Page - Analog Devices ADPD6000 Datasheet HTML 49Page - Analog Devices ADPD6000 Datasheet HTML 50Page - Analog Devices ADPD6000 Datasheet HTML 51Page - Analog Devices ADPD6000 Datasheet HTML 52Page - Analog Devices ADPD6000 Datasheet HTML 53Page - Analog Devices ADPD6000 Datasheet HTML 54Page - Analog Devices ADPD6000 Datasheet HTML 55Page - Analog Devices ADPD6000 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 89 page
background image
Data Sheet
ADPD6000
REGISTER SUMMARY
analog.com
Rev. 0 | 52 of 89
Table 20. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x0233
ADC_OFF1_I
[15:8]
RESERVED
CH1_ADC_ADJUST_I[13:8]
0x0000 R/W
[7:0]
CH1_ADC_ADJUST_I[7:0]
0x0234
ADC_OFF2_I
[15:8]
RESERVED
CH2_ADC_ADJUST_I[13:8]
0x0000 R/W
[7:0]
CH2_ADC_ADJUST_I[7:0]
0x0235
DATA1_I
[15:8]
DARK_SHIFT_I
DARK_SIZE_I
0x0003 R/W
[7:0]
SIGNAL_SHIFT_I
SIGNAL_SIZE_I
0x0236
DATA2_I
[15:8]
RESERVED
0x0000 R/W
[7:0]
LIT_SHIFT_I
LIT_SIZE_I
0x0237
DECIMATE_I
[15:8]
RESERVED
DECIMATE_FACTOR_I[6:4]
0x0000 R/W
[7:0]
DECIMATE_FACTOR_I[3:0]
RESERVED
0x0238
DIGINT_LIT_I
[15:8]
RESERVED
LIT_OFFSE
T_I[8]
0x0026 R/W
[7:0]
LIT_OFFSET_I[7:0]
0x0239
DIGINT_DARK
_I
[15:8]
DARK2_OFFSET_I[8:1]
0x0086 R/W
[7:0]
DARK2_OF
FSET_I[0]
DARK1_OFFSET_I
0x0240
TS_CTRL_J
[15:8]
SUBSAMPL
E_J
CH2_EN_J
SAMPLE_TYPE_J
RESERVE
D
TIMESLOT_OFFSET_J[9:
8]
0x0000 R/W
[7:0]
TIMESLOT_OFFSET_J[7:0]
0x0241
TS_PATH_J
[15:8]
PRE_WIDTH_J
AMBIENT_CANCELLATIO
N_J
TS_GPIO_J AFE_INT_C
_BUF_J
0x4020 R/W
[7:0]
RESERVE
D
AFE_PATH_CFG_J
0x0242
INPUTS_J
[15:8]
RESERVED
0x0000 R/W
[7:0]
INP34_J
INP12_J
0x0243
CATHODE_J
[15:8]
RESERVE
D
PRECON_J
VC2_PULSE_J
VC2_ALT_J
0x0000 R/W
[7:0]
VC2_SEL_J
VC1_PULSE_J
VC1_ALT_J
VC1_SEL_J
0x0244
AFE_TRIM1_J [15:8]
TIA_CEIL_
DETECT_E
N_J
CH2_TRIM_INT_J
CH1_TRIM_INT_J
VREF_PUL
SE_J
AFE_TRIM_VREF_J
0x02C9 R/W
[7:0]
VREF_PULSE_VAL_J
TIA_GAIN_CH2_J
TIA_GAIN_CH1_J
0x0245
AFE_TRIM2_J [15:8]
RESERVED
CH2_TRIM
_INT_CAP_
J
CH1_TRIM
_INT_CAP_
J
RESERVED
0x0000 R/W
[7:0]
RESERVED
0x0246
AFE_DAC1_J
[15:8]
DAC_AMBIENT_CH1_J[8:1]
0x0000 R/W
[7:0]
DAC_AMBI
ENT_CH1_
J[0]
DAC_LED_DC_CH1_J
0x0247
AFE_DAC2_J
[15:8]
DAC_AMBIENT_CH2_J[8:1]
0x0000 R/W
[7:0]
DAC_AMBI
ENT_CH2_
J[0]
DAC_LED_DC_CH2_J
0x0248
LED_POW12_
J
[15:8]
LED_DRIV
ESIDE2_J
LED_CURRENT2_J
0x0000 R/W
[7:0]
LED_DRIV
ESIDE1_J
LED_CURRENT1_J
0x0249
LED_MODE_J [15:8]
RESERVED
0x0000 R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com