Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 85 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 81Page - Analog Devices ADPD6000 Datasheet HTML 82Page - Analog Devices ADPD6000 Datasheet HTML 83Page - Analog Devices ADPD6000 Datasheet HTML 84Page - Analog Devices ADPD6000 Datasheet HTML 85Page - Analog Devices ADPD6000 Datasheet HTML 86Page - Analog Devices ADPD6000 Datasheet HTML 87Page - Analog Devices ADPD6000 Datasheet HTML 88Page - Analog Devices ADPD6000 Datasheet HTML 89Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 85 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 85 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
0: disable 250 kHz cutoff frequency.
1: enable 250 kHz cutoff frequency.
8
BIOZ_BW50KEN_x
Reconstruction filter cutoff frequency of 50 kHz.
0x0
R/W
0: disable 50 kHz cutoff frequency.
1: enable 50 kHz cutoff frequency.
[7:0]
BIOZ_RATE_DIV_x
DAC update rate. DAC update rate = 32 MHz/
BIOZ_RATE_DIV_x.
0xD
R/W
0x02A8 BIOZ_DACGAIN_A
[15:13]
RESERVED
Reserved.
0x0
R
0x02C8 BIOZ_DACGAIN_B
12
BIOZ_DACGAIN_EN_x
Enable DAC gain.
0x1
R/W
0x02E8 BIOZ_DACGAIN_C
0: disable DAC gain correction.
0x0308 BIOZ_DACGAIN_D
1: perform DAC gain correction.
0x0328 BIOZ_DACGAIN_E
[11:0]
BIOZ_DAC_GAIN_x
DAC gain correction factor. Unsigned number.
0x800 R/W
0x0348 BIOZ_DACGAIN_F
0x000: maximum negative gain adjustment occurs.
0x001: 1/211.
0x800: no gain adjustment.
0xFFF: maximum positive gain adjustment occurs.
0x02A9 BIOZ_DACOFFSET_A
[15:13]
RESERVED
Reserved.
0x0
R
0x02C9 BIOZ_DACOFFSET_B
12
BIOZ_DACOFFSET_EN_x
Bypass DAC offset. Use the DAC offset calculated during the
calibration routine.
0x1
R/W
0x02E9 BIOZ_DACOFFSET_C
0: bypass DAC offset correction.
0x0309 BIOZ_DACOFFSET_D
1: perform DAC offset correction.
0x0329 BIOZ_DACOFFSET_E
[11:0]
BIOZ_DAC_OFFSET_x
DAC offset correction factor. Signed number represented in
twos complement format with 0.5 LSB precision. Used when
attenuator is disabled. Maximum positive adjustment. Results in
positive full scale/210 − 0.5 LSB adjustment.
0x0
R/W
0x0349 BIOZ_DACOFFSET_F
0.5. results in 0.5 LSB adjustment
0. no offset adjustment.
−0.5. results in −0.5 LSB adjustment.
−210. maximum negative adjustment. Results in negative full
scale/2 adjustment.
0x02AA BIOZ_ANA_CTRL1_A
[15:13]
BIOZ_TIA_RGAIN_x
Control signal for HPTIA feedback resistor.
0x1
R/W
0x02CA BIOZ_ANA_CTRL1_B
000: 1 kΩ.
0x02EA BIOZ_ANA_CTRL1_C
001: 2 kΩ.
0x030A BIOZ_ANA_CTRL1_D
010: 3 kΩ.
0x032A BIOZ_ANA_CTRL1_E
011: 4 kΩ.
0x034A BIOZ_ANA_CTRL1_F
100: 6 kΩ.
101: 8 kΩ.
110: 10 kΩ.
[12:9]
BIOZ_TIA_CGAIN_x
Control signal for HPTIA feedback capacitor.
0x7
R/W
0000: off.
0001: 1 pF.
0010: 2 pF.
0011: 3 pF.
0100: 4 pF (default value for low power).
0101: 5 pF.
0110: 6 pF.
0111: 7 pF (default value for high power).
1000: 8 pF.
1001: 9 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com