Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 86 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 81Page - Analog Devices ADPD6000 Datasheet HTML 82Page - Analog Devices ADPD6000 Datasheet HTML 83Page - Analog Devices ADPD6000 Datasheet HTML 84Page - Analog Devices ADPD6000 Datasheet HTML 85Page - Analog Devices ADPD6000 Datasheet HTML 86Page - Analog Devices ADPD6000 Datasheet HTML 87Page - Analog Devices ADPD6000 Datasheet HTML 88Page - Analog Devices ADPD6000 Datasheet HTML 89Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 86 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 86 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
1010: 10 pF.
1011: 11 pF.
1100: 12 pF.
1101: 13 pF.
1110: 14 pF.
1111: 15 pF.
8
BIOZ_RX_LPMODE_x
Low power mode enable for ADC receiver channel.
0x0
R/W
0: high power mode.
1: low power mode.
7
BIOZ_TIA_LPMODE_x
Low power mode enable for TIA.
0x0
R/W
0: high power mode.
1: low power mode.
6
BIOZ_EXCBUF_LPMODE_x
Low power mode enable for excitation buffer.
0x0
R/W
0: high power mode.
1: low power mode.
[5:4]
BIOZ_CHOP_OFF_IN_x
Disable chop off front buffer and PGA.
0x3
R/W
00: enable front buffer and PGA chopping.
01: only enable PGA chopping.
10: only enable front buffer chopping.
11: disable front buffer and PGA chopping.
[3:2]
BIOZ_AMP_OFF_x
Disable front buffer.
0x3
R/W
00: enable all.
01: only enable Buffer_p
10: only enable Buffer_n.
11: disable Buffer_p and Buffer_n.
1
BIOZ_PGA_PD_x
PGA PD control.
0x1
R/W
0: enable.
1: disable.
0
BIOZ_DAC_RCF_LOWBW_EN_x DAC RC filters bandwidth tuning. High to set bandwidth reduced
to 80% of its original value.
0x0
R/W
0: disable.
1: enable.
0x02AB BIOZ_ANA_CTRL2_A
15
RESERVED
Reserved.
0x0
R
0x02CB BIOZ_ANA_CTRL2_B
14
BIOZ_CM_SW_x
Weak VCM driven for IMPIP and IMPIN.
0x0
R/W
0x02EB BIOZ_ANA_CTRL2_C
0: disable weak VCM driven.
0x030B BIOZ_ANA_CTRL2_D
1: weak CM driven IMPIP and IMPIN.
0x032B BIOZ_ANA_CTRL2_E
[13:12]
BIOZ_NCHAN_x
N-channel selection.
0x0
R/W
0x034B BIOZ_ANA_CTRL2_F
00: connect HPTIA_n to Buffer_p.
01: connect IMPIN to Buffer_n.
10: connect RCALN to Buffer_n.
11: connect RINT_SN to Buffer_n.
[11:10]
BIOZ_PCHAN_x
P-channel selection.
0x0
R/W
00: connect HPTIA_p to Buffer_p.
01: connect IMPIP to Buffer_p.
10: connect RCALP to Buffer_p.
11: connect RINT_SP to Buffer_p.
[9:6]
BIOZ_TSW_x
Switch mux for TIA input.
0x0
R/W
0001: connect TIA input to IMPIP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com