Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 67 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 63Page - Analog Devices ADPD6000 Datasheet HTML 64Page - Analog Devices ADPD6000 Datasheet HTML 65Page - Analog Devices ADPD6000 Datasheet HTML 66Page - Analog Devices ADPD6000 Datasheet HTML 67Page - Analog Devices ADPD6000 Datasheet HTML 68Page - Analog Devices ADPD6000 Datasheet HTML 69Page - Analog Devices ADPD6000 Datasheet HTML 70Page - Analog Devices ADPD6000 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 67 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
00: use GPIO0 for alternate clock.
01: use GPIO1 for alternate clock.
10: use GPIO2 for alternate clock.
11: reserved.
[5:3]
RESERVED
Reserved.
0x0
R
2
TM_CLK_GPIO_SEL
Select low frequency clock between 960 kHz and 32 kHz. This
bit must be used when ALT_CLOCKS is 3'b100.
0x0
R/W
0: use the 32 kHz external source from GPIO as the timer clock.
1: use the 960 kHz external source from GPIO as the low
frequency clock.
1
OSC_960K_EN
Enable low frequency oscillator. This bit turns on the 960 kHz
low frequency oscillator, which must be left running during all
operations using this oscillator.
0x0
R/W
0
RESERVED
Reserved.
0x0
R
0x0010 OPMODE
15
ECG_TIMESLOT_EN
ECG time slot enable control.
0x0
R/W
0: disable ECG time slot.
1: enable ECG time slot.
[14:12]
BIOZ_TIMESLOT_EN
BIOZ time slot enable control.
0x0
R/W
000: no BIOZ time slot.
001: BIOZ Time Slot Sequence A only.
010: BIOZ Time Slot Sequence AB.
011: BIOZ Time Slot Sequence ABC.
100: BIOZ Time Slot Sequence ABCD.
101: BIOZ Time Slot Sequence ABCDE.
110: BIOZ Time Slot Sequence ABCDEF.
111: Reserved.
[11:8]
PPG_TIMESLOT_EN
PPG Timeslot enable control.
0x0
R/W
0000: no PPG time slot.
0001: PPG Time Slot Sequence A.
0010: PPG Time Slot Sequence AB.
0011: PPG Time Slot Sequence ABC.
0100: PPG Time Slot Sequence ABCD.
0101: PPG Time Slot Sequence ABCDE.
0110: PPG Time Slot Sequence ABCDEF.
0111: PPG Time Slot Sequence ABCDEFG.
1000: PPG Time Slot Sequence ABCDEFGH.
1001: PPG Time Slot Sequence ABCDEFGHI.
1010: PPG Time Slot Sequence ABCDEFGHIJ.
1011: PPG Time Slot Sequence ABCDEFGHIJK.
1100: PPG Time Slot Sequence ABCDEFGHIJKL.
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
OP_MODE
Operating mode selection.
0x0
R/W
000: standby.
001: operate selected time slots.
0x0011 STAMP_L
[15:0]
TIMESTAMP_COUNT_L
Count at last time stamp. Lower 16 bits.
0x0
R
0x0012 STAMP_H
[15:0]
TIMESTAMP_COUNT_H
Count at last time stamp. Upper 16 bits.
0x0
R
0x0013 STAMPDELTA
[15:0]
TIMESTAMP_SLOT_DELTA
Count remaining until next time slot start.
0x0
R
0x0014 INT_ENABLE_XD
15
INTX_EN_FIFO_TH
INT_FIFO_TH interrupt enable. Write a 1 to this bit to enable
drive of the FIFO threshold status on Interrupt X.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com