Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 27 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 23Page - Analog Devices ADPD6000 Datasheet HTML 24Page - Analog Devices ADPD6000 Datasheet HTML 25Page - Analog Devices ADPD6000 Datasheet HTML 26Page - Analog Devices ADPD6000 Datasheet HTML 27Page - Analog Devices ADPD6000 Datasheet HTML 28Page - Analog Devices ADPD6000 Datasheet HTML 29Page - Analog Devices ADPD6000 Datasheet HTML 30Page - Analog Devices ADPD6000 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 89 page
background image
Data Sheet
ADPD6000
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 27 of 89
OPTICAL PATH
Digital Integration Mode
The ADPD6000 supports a digital integration mode in the optical
path to accommodate sensors that require longer pulses. Digital
integration mode allows the system to use a larger LED duty cycle,
which may result in the highest achievable levels of SNR.
Figure 40. Signal Path for Digital Integration Mode
In digital integration mode, the integrator is configured as a buffer,
resulting in the signal path shown in Figure 40. Digital integration
regions are configured by the user and separated into lit and dark
regions. The LED is pulsed in the lit region, and the LED is off in
the dark region. ADC samples are taken at 1 μs intervals within the
lit and dark regions and are then digitally integrated. The integration
of the ADC samples from the dark region is subtracted from the
integration of the ADC samples from the lit region and the result is
written into the relevant FIFO. Both signal and dark values can be
written to the FIFO.
The ADPD6000 supports one-region and two-region digital integra-
tion modes. In one-region digital integration mode, an equal number
of dark and lit samples are taken where all of the dark samples are
taken in the dark region just prior to the lit region. One-region digital
integration mode is shown in the timing diagram in Figure 41.
In two-region digital integration mode, an equal number of dark and
lit samples are taken. However, the dark region is split such that
half of the samples are taken in the dark region prior to the lit
region, and the other half is taken in the dark region following the
lit region. The two-region digital integration mode results in higher
ambient light rejection than the one-region digital integration mode
in situations with a varying ambient light level. A timing diagram for
two-region digital integration mode is shown in Figure 42.
The signal data for one-region digital integration mode that reads
from the FIFO follows Equation 4:
Signal= IPD×RTIA×TIA_Config×Buf
_Gain×NUM_INT_x×NUM_REPEAT_x/
146μV/LSB
(4)
where:
IPD is the PD current.
TIA_Config is the TIA configuration.
Buf_Gain is the buffer gain.
The signal data for two-region digital integration mode that reads
from the FIFO follows Equation 5:
Signal= IPD×RTIA×TIA_Config×Buf
_Gain×NUM_INT_x×NUM_REPEAT_x/
146μV/LSB ×2
(5)
The AFE_PATH_CFG_x, CHx_TRIM_INT_x, and
CHx_TRIM_INT_CAP_x bits need to follow a certain combination
in digital integration mode (both one-region mode and two-region
mode). Table 13 shows the recommended settings of these bits.
The TIA gain setting is independent of these settings.
Table 13. Bit Settings for AFE Path in Digital Integration Mode
Bit Name
Recommended Setting
AFE_INT_C_BUF_x
0x0
AFE_PATH_CFG_x
0x28
CHx_TRIM_INT_x
0x3
CHx_TRIM_INT_CAP_x
0x1
The result of the configurations of the bits in Table 13 is 1× TIA
configuration with buffer gain = 2.
Table 14 shows the relevant register settings for the digital integra-
tion modes of operation. The MIN_PERIOD_x bits must be set
manually with the proper period because the minimum period is not
automatically calculated in digital integration mode.
The recommended MIN_PERIOD_x setting for one-region digital
integration mode is as follows:
MIN_PERIOD_x=NUM_INT_x×2+ 2+tD ×2
The recommended MIN_PERIOD_x setting for two-region digital
integration mode is as follows:
MIN_PERIOD_x=NUM_INT_x×4+tD×2+6μs
The tD value is the response time of the optical device. The 6 μs
time is essential for the ambient fine loop update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com