Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 70 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 66Page - Analog Devices ADPD6000 Datasheet HTML 67Page - Analog Devices ADPD6000 Datasheet HTML 68Page - Analog Devices ADPD6000 Datasheet HTML 69Page - Analog Devices ADPD6000 Datasheet HTML 70Page - Analog Devices ADPD6000 Datasheet HTML 71Page - Analog Devices ADPD6000 Datasheet HTML 72Page - Analog Devices ADPD6000 Datasheet HTML 73Page - Analog Devices ADPD6000 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 70 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
[2:0]
GPIO_PIN_CFG0
GPIO0 pin configuration.
0x0
R/W
000: disabled (tristate, input buffer off).
001: enabled input.
010: output–normal.
011: output–inverted.
100: pull-down only–normal.
101: pull-down only–inverted.
110: pull-up only–normal.
111: pull-up only–inverted.
0x0023 GPIO01
[15:8]
GPIOOUT1
GPIO1 output signal select.
0x0
R/W
0x00: Output Logic 0.
0x01: Output Logic 1.
0x02: Interrupt X.
0x03: Interrupt Y.
0x08: LED1x amplifier enable.
0x09: LED2x amplifier enable.
0x0C: any LED amplifier enable.
0x0F: 32 MHz oscillator output divided by 64 (500 kHz).
0x10: time slot specific output pattern defined by TS_GPIO_X
and TS_GPIO_SLEEP bits.
0x16: low frequency oscillator output.
0x17: 32 MHz oscillator output.
0x18: 32 MHz oscillator output divided by 32 (1 MHz).
0x20: Time Slot A active.
0x21: Time Slot B active.
0x22: Time Slot C active.
0x23: Time Slot D active.
0x24: Time Slot E active.
0x25: Time Slot F active.
0x26: Time Slot G active.
0x27: Time Slot H active.
0x28: Time Slot I active.
0x29: Time Slot J active.
0x2A: Time Slot K active.
0x2B: Time Slot L active.
0x31: Time Slot A LED pulse.
0x32: Time Slot B LED pulse.
0x33: Time Slot C LED pulse.
0x34: Time Slot D LED pulse.
0x35: Time Slot E LED pulse.
0x36: Time Slot F LED pulse.
0x37: Time Slot G LED pulse.
0x38: Time Slot H LED pulse.
0x39: Time Slot I LED pulse.
0x3A: Time Slot J LED pulse.
0x3B: Time Slot K LED pulse.
0x3C: Time Slot L LED pulse.
0x3F: Time Slot x LED pulse.
0x40: Time Slot A modulation pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com