Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 68 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 64Page - Analog Devices ADPD6000 Datasheet HTML 65Page - Analog Devices ADPD6000 Datasheet HTML 66Page - Analog Devices ADPD6000 Datasheet HTML 67Page - Analog Devices ADPD6000 Datasheet HTML 68Page - Analog Devices ADPD6000 Datasheet HTML 69Page - Analog Devices ADPD6000 Datasheet HTML 70Page - Analog Devices ADPD6000 Datasheet HTML 71Page - Analog Devices ADPD6000 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 68 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
14
INTX_EN_FIFO_UFLOW
INT_FIFO_UFLOW interrupt enable for Interrupt X. Write a 1 to
this bit to enable drive of the FIFO underflow status on Interrupt
X.
0x0
R/W
13
INTX_EN_FIFO_OFLOW
INTO_FIFO_OFLOW interrupt enable for Interrupt X. Write a 1
to this bit to enable drive of the FIFO overflow status on Interrupt
X.
0x0
R/W
[12:0]
RESERVED
Reserved.
0x0
R
0x0015 INT_ENABLE_YD
15
INTY_EN_FIFO_TH
INT_FIFO_TH interrupt enable. Write a 1 to this bit to enable
drive of the FIFO threshold status on Interrupt Y.
0x0
R/W
14
INTY_EN_FIFO_UFLOW
INT_FIFO_UFLOW interrupt enable for Interrupt Y. Write a 1 to
this bit to enable drive of the FIFO underflow status on Interrupt
Y.
0x0
R/W
13
INTY_EN_FIFO_OFLOW
INT_FIFO_OFLOW interrupt enable for Interrupt Y. Write a 1 to
this bit to enable drive of the FIFO overflow status on Interrupt Y.
0x0
R/W
[12:0]
RESERVED
Reserved.
0x0
R
0x001E FIFO_STATUS_BYTES
[15:10]
RESERVED
Reserved.
0x0
R
9
ENA_STAT_ECG
Enable ECG status byte.
0x1
R/W
8
ENA_STAT_TSX
Enable Channel 1 and Channel 2 TIA interrupt status byte,
upper. This byte contains the interrupt status for the Channel 1
and Channel 2 interrupts for Time Slot I through Time Slot L.
0x0
R/W
7
ENA_STAT_TS2
Enable Channel 2 TIA interrupt status byte, lower. This byte
contains the interrupt status for the Channel 2 interrupts for Time
Slot A through Time Slot H.
0x0
R/W
6
ENA_STAT_TS1
Enable Channel 1 TIA interrupt status byte, lower. This byte
contains the interrupt status for the Channel 1 interrupts for Time
Slot A through Time Slot H.
0x0
R/W
[5:0]
RESERVED
Reserved.
0x0
R
0x0020 INPUT_SLEEP
[15:8]
RESERVED
Reserved.
0x0
R
[7:4]
INP_SLEEP_34
Input pair sleep state for IN3 and IN4 inputs.
0x0
R/W
0x0: both inputs float.
0x1: floating short of IN3 to IN4. Only if PAIR34 is set to 1.
0x2: IN3 and IN4 connected to VC1. Shorted together if PAIR34
is set to 1.
0x3: IN3 and IN4 connected to VC2. Shorted together if PAIR34
is set to 1.
0x4: IN3 connected to VC1. IN4 floating.
0x5: IN3 connected to VC1. IN4 connected to VC2.
0x6: IN3 connected to VC1. IN4 floating.
0x7: IN3 connected to VC2. IN4 connected to VC1.
0x8: IN3 floating. IN4 connected to VC1.
0x9: IN3 floating. IN4 connected to VC2.
[3:0]
INP_SLEEP_12
Input pair sleep state for IN1 and IN2 inputs.
0x0
R/W
0x0: both inputs float.
0x1: floating short of IN1 and IN2. Only if PAIR12 is set to 1.
0x2: IN1 and IN2 connected to VC1. Shorted together if PAIR12
is set to 1.
0x3: IN1 and IN2 connected to VC2. Shorted together if PAIR12
is set to 1.
0x4: IN1 connected to VC1. IN2 floating.
0x5: IN1 connected to VC1. IN2 connected to VC2.
0x6: IN1 connected to VC2. IN2 floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com