Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 63 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 59Page - Analog Devices ADPD6000 Datasheet HTML 60Page - Analog Devices ADPD6000 Datasheet HTML 61Page - Analog Devices ADPD6000 Datasheet HTML 62Page - Analog Devices ADPD6000 Datasheet HTML 63Page - Analog Devices ADPD6000 Datasheet HTML 64Page - Analog Devices ADPD6000 Datasheet HTML 65Page - Analog Devices ADPD6000 Datasheet HTML 66Page - Analog Devices ADPD6000 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
Data Sheet
ADPD6000
REGISTER SUMMARY
analog.com
Rev. 0 | 63 of 89
Table 20. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x032E
BIOZ_DFTCO
N_E
[15:8]
RESERVED
0x0009 R/W
[7:0]
RESERVED
BIOZ_WG_
DFT_DIFF_
PHASE_EN
_E
BIOZ_HAN
NINGEN_E
BIOZ_DFTNUM_E
0x032F
BIOZ_ADC_C
ONV_DLY_E
[15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
BIOZ_ADC_CONV_DLY_E
0x0330
BIOZ_DFTPH
ASE_LOW_E
[15:8]
BIOZ_DFT_PHASE_OFFSET_L_E[15:8]
0x0000 R/W
[7:0]
BIOZ_DFT_PHASE_OFFSET_L_E[7:0]
0x0331
BIOZ_DFTPH
ASE_HI_E
[15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
BIOZ_DFT_PHASE_OFFSET_H_E
0x0340
BIOZ_AFECO
N_F
[15:8]
RESERVED
BIOZ_TIMESLOT_OFFSET_F[9:6]
0x0000 R/W
[7:0]
BIOZ_TIMESLOT_OFFSET_F[5:0]
BIOZ_TIAE
N_F
BIOZ_DAC
REFEN_F
0x0341
BIOZ_WGFCW
_LOW_F
[15:8]
BIOZ_SINEFCW_L_F[15:8]
0x0000 R/W
[7:0]
BIOZ_SINEFCW_L_F[7:0]
0x0342
BIOZ_WGFCW
_HI_F
[15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
BIOZ_SINEFCW_H_F
0x0343
BIOZ_WGPHA
SE_LOW_F
[15:8]
BIOZ_SINE_PHASE_OFFSET_L_F[15:8]
0x0000 R/W
[7:0]
BIOZ_SINE_PHASE_OFFSET_L_F[7:0]
0x0344
BIOZ_WGPHA
SE_HI_F
[15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
BIOZ_SINE_PHASE_OFFSET_H_F
0x0345
BIOZ_WGOFF
SET_F
[15:8]
RESERVED
BIOZ_SINE_OFFSET_F[11:8]
0x0000 R/W
[7:0]
BIOZ_SINE_OFFSET_F[7:0]
0x0346
BIOZ_WGAMP
LITUDE_F
[15:8]
RESERVED
BIOZ_SINEAMPLITUDE_F[10:8]
0x0600 R/W
[7:0]
BIOZ_SINEAMPLITUDE_F[7:0]
0x0347
BIOZ_DACCO
N_F
[15:8]
RESERVED
BIOZ_EXB
UFEN_F
BIOZ_DACBUFBW_F
BIOZ_BW2
50KEN_F
BIOZ_BW5
0KEN_F
0x120D R/W
[7:0]
BIOZ_RATE_DIV_F
0x0348
BIOZ_DACGAI
N_F
[15:8]
RESERVED
BIOZ_DAC
GAIN_EN_
F
BIOZ_DAC_GAIN_F[11:8]
0x1800 R/W
[7:0]
BIOZ_DAC_GAIN_F[7:0]
0x0349
BIOZ_DACOF
FSET_F
[15:8]
RESERVED
BIOZ_DAC
OFFSET_E
N_F
BIOZ_DAC_OFFSET_F[11:8]
0x1000 R/W
[7:0]
BIOZ_DAC_OFFSET_F[7:0]
0x034A
BIOZ_ANA_CT
RL1_F
[15:8]
BIOZ_TIA_RGAIN_F
BIOZ_TIA_CGAIN_F
BIOZ_RX_L
PMODE_F
0x2E3E R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com