Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 38 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 34Page - Analog Devices ADPD6000 Datasheet HTML 35Page - Analog Devices ADPD6000 Datasheet HTML 36Page - Analog Devices ADPD6000 Datasheet HTML 37Page - Analog Devices ADPD6000 Datasheet HTML 38Page - Analog Devices ADPD6000 Datasheet HTML 39Page - Analog Devices ADPD6000 Datasheet HTML 40Page - Analog Devices ADPD6000 Datasheet HTML 41Page - Analog Devices ADPD6000 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
Data Sheet
ADPD6000
REGISTER SUMMARY
analog.com
Rev. 0 | 38 of 89
Table 20. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x0077
ECG_PGA_C
ONTROL
[15:8]
RESERVED
ECG_PGA_
CTRL
0x0000 R/W
[7:0]
RESERVED
0x0078
ECG_INPUT_
CONTROL
[15:8]
ECG_INPU
T_BUF_EN
RESERVED
ECG_INPU
T_BUF_CT
RL
RESERVED
0x0000 R/W
[7:0]
RESERVED
0x0100
ECG_ANA_CT
RL
[15:8]
RESERVED
ECG_INP_
CONNECT
ECG_SHO
RT
ECG_CHA
N_RESOLU
TION
0x0430 R/W
[7:0]
RESERVE
D
ECG_RLD_
OUT_DISC
ONNECT
ECG_RLD_OUT_SEL
ECG_RLD_
SAT_EN
ECG_RLD_SAT_THRESH
OLD
ECG_RLD_
EN
0x0101
ECG_LEADOF
F_CTRL
[15:8]
ECG_ACLO
_EN
ECG_ACLO_MAG
ECG_ACLO_THRESHOLD
ECG_DCL
O_EN
0x0004 R/W
[7:0]
ECG_DCLO_MAG
ECG_DCL
O_POLARI
TY_IN
ECG_DCL
O_POLARI
TY_IP
ECG_DCLO_THRESHOL
D
0x0102
ECG_DIG_CT
RL1
[15:8]
RESERVED
ECG_OVE
RSAMPLIN
G_RATIO[5]
0x0018 R/W
[7:0]
ECG_OVERSAMPLING_RATIO[4:0]
ECG_ODR_SEL
0x0103
ECG_DIG_CT
RL2
[15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
ECG_ACLO
_INV
ECG_BYPA
SS_EQLZR
ECG_CAL_GAIN
0x0120
TS_CTRL_A
[15:8]
SUBSAMPL
E_A
CH2_EN_A
SAMPLE_TYPE_A
RESERVE
D
TIMESLOT_OFFSET_A[9:
8]
0x0000 R/W
[7:0]
TIMESLOT_OFFSET_A[7:0]
0x0121
TS_PATH_A
[15:8]
PRE_WIDTH_A
AMBIENT_CANCELLATIO
N_A
TS_GPIO_
A
AFE_INT_C
_BUF_A
0x4020 R/W
[7:0]
RESERVE
D
AFE_PATH_CFG_A
0x0122
INPUTS_A
[15:8]
RESERVED
0x0000 R/W
[7:0]
INP34_A
INP12_A
0x0123
CATHODE_A
[15:8]
RESERVE
D
PRECON_A
VC2_PULSE_A
VC2_ALT_A
0x0000 R/W
[7:0]
VC2_SEL_A
VC1_PULSE_A
VC1_ALT_A
VC1_SEL_A
0x0124
AFE_TRIM1_A [15:8]
TIA_CEIL_
DETECT_E
N_A
CH2_TRIM_INT_A
CH1_TRIM_INT_A
VREF_PUL
SE_A
AFE_TRIM_VREF_A
0x02C9 R/W
[7:0]
VREF_PULSE_VAL_A
TIA_GAIN_CH2_A
TIA_GAIN_CH1_A
0x0125
AFE_TRIM2_A [15:8]
RESERVED
CH2_TRIM
_INT_CAP_
A
CH1_TRIM
_INT_CAP_
A
RESERVED
0x0000 R/W
[7:0]
RESERVED
0x0126
AFE_DAC1_A [15:8]
DAC_AMBIENT_CH1_A[8:1]
0x0000 R/W
[7:0]
DAC_AMBI
ENT_CH1_
A[0]
DAC_LED_DC_CH1_A
0x0127
AFE_DAC2_A [15:8]
DAC_AMBIENT_CH2_A[8:1]
0x0000 R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com