Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 46 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 42Page - Analog Devices ADPD6000 Datasheet HTML 43Page - Analog Devices ADPD6000 Datasheet HTML 44Page - Analog Devices ADPD6000 Datasheet HTML 45Page - Analog Devices ADPD6000 Datasheet HTML 46Page - Analog Devices ADPD6000 Datasheet HTML 47Page - Analog Devices ADPD6000 Datasheet HTML 48Page - Analog Devices ADPD6000 Datasheet HTML 49Page - Analog Devices ADPD6000 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
Data Sheet
ADPD6000
REGISTER SUMMARY
analog.com
Rev. 0 | 46 of 89
Table 20. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x01B6
DATA2_E
[15:8]
RESERVED
0x0000 R/W
[7:0]
LIT_SHIFT_E
LIT_SIZE_E
0x01B7
DECIMATE_E
[15:8]
RESERVED
DECIMATE_FACTOR_E[6:4]
0x0000 R/W
[7:0]
DECIMATE_FACTOR_E[3:0]
RESERVED
0x01B8
DIGINT_LIT_E [15:8]
RESERVED
LIT_OFFSE
T_E[8]
0x0026 R/W
[7:0]
LIT_OFFSET_E[7:0]
0x01B9
DIGINT_DARK
_E
[15:8]
DARK2_OFFSET_E[8:1]
0x0086 R/W
[7:0]
DARK2_OF
FSET_E[0]
DARK1_OFFSET_E
0x01C0
TS_CTRL_F
[15:8]
SUBSAMPL
E_F
CH2_EN_F
SAMPLE_TYPE_F
RESERVE
D
TIMESLOT_OFFSET_F[9:
8]
0x0000 R/W
[7:0]
TIMESLOT_OFFSET_F[7:0]
0x01C1
TS_PATH_F
[15:8]
PRE_WIDTH_F
AMBIENT_CANCELLATIO
N_F
TS_GPIO_
F
AFE_INT_C
_BUF_F
0x4020 R/W
[7:0]
RESERVE
D
AFE_PATH_CFG_F
0x01C2
INPUTS_F
[15:8]
RESERVED
0x0000 R/W
[7:0]
INP34_F
INP12_F
0x01C3
CATHODE_F
[15:8]
RESERVE
D
PRECON_F
VC2_PULSE_F
VC2_ALT_F
0x0000 R/W
[7:0]
VC2_SEL_F
VC1_PULSE_F
VC1_ALT_F
VC1_SEL_F
0x01C4
AFE_TRIM1_F [15:8]
TIA_CEIL_
DETECT_E
N_F
CH2_TRIM_INT_F
CH1_TRIM_INT_F
VREF_PUL
SE_F
AFE_TRIM_VREF_F
0x02C9 R/W
[7:0]
VREF_PULSE_VAL_F
TIA_GAIN_CH2_F
TIA_GAIN_CH1_F
0x01C5
AFE_TRIM2_F [15:8]
RESERVED
CH2_TRIM
_INT_CAP_
F
CH1_TRIM
_INT_CAP_
F
RESERVED
0x0000 R/W
[7:0]
RESERVED
0x01C6
AFE_DAC1_F
[15:8]
DAC_AMBIENT_CH1_F[8:1]
0x0000 R/W
[7:0]
dac_ambien
t_ch1_f[0]
DAC_LED_DC_CH1_F
0x01C7
AFE_DAC2_F
[15:8]
DAC_AMBIENT_CH2_F[8:1]
0x0000 R/W
[7:0]
dac_ambien
t_ch2_f[0]
DAC_LED_DC_CH2_F
0x01C8
LED_POW12_
F
[15:8]
led_drivesid
e2_f
LED_CURRENT2_F
0x0000 R/W
[7:0]
led_drivesid
e1_f
LED_CURRENT1_F
0x01C9
LED_MODE_F [15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
LED_MOD
E2_F
LED_MOD
E1_F
0x01CA
COUNTS_F
[15:8]
NUM_INT_F
0x0101 R/W
[7:0]
NUM_REPEAT_F
0x01CB
PERIOD_F
[15:8]
RESERVE
D
RESERVE
D
MOD_TYPE_F
RESERVED
MIN_PERIOD_F[9:8]
0x0000 R/W
[7:0]
MIN_PERIOD_F[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com