Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 65 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 61Page - Analog Devices ADPD6000 Datasheet HTML 62Page - Analog Devices ADPD6000 Datasheet HTML 63Page - Analog Devices ADPD6000 Datasheet HTML 64Page - Analog Devices ADPD6000 Datasheet HTML 65Page - Analog Devices ADPD6000 Datasheet HTML 66Page - Analog Devices ADPD6000 Datasheet HTML 67Page - Analog Devices ADPD6000 Datasheet HTML 68Page - Analog Devices ADPD6000 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 65 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
0x0000 FIFO_STATUS
15
CLEAR_FIFO
Clear FIFO. Write a 1 to empty the FIFO while not oper-
ating. This resets FIFO_BYTE_COUNT and also clears the
INT_FIFO_OFLOW, INT_FIFO_UFLOW, and INT_FIFO_TH sta-
tus bits. After the FIFO is cleared, CLEAR_FIFO must be set to
0 for the FIFO function.
0x0
R0/W
14
INT_FIFO_UFLOW
FIFO underflow error. This bit is set when the FIFO is read while
empty. Write 1 to this bit to clear the interrupt. This bit is also
cleared if the FIFO is cleared using the CLEAR_FIFO bit.
0x0
R/W1C
13
INT_FIFO_OFLOW
FIFO overflow error. This bit is set when data is not written to
the FIFO due to a lack of space. Write 1 to this bit to clear the
interrupt. This bit is also cleared if the FIFO is cleared with the
CLEAR_FIFO bit.
0x0
R/W1C
12
INT_FIFO_TH
FIFO_TH interrupt status. This bit is set during a FIFO write
when the number of bytes in the FIFO exceed the FIFO_TH
register value. Write 1 to this bit to clear this interrupt. This bit
can also be automatically cleared when the FIFO data register is
read if the INT_ACLEAR_FIFO bit is set.
0x0
R/W1C
11
FIFO_INIT_DONE_STATUS
FIFO initialization process is finished. Note that this bit is a
status bit and is not sent to the interrupt. This bit is set after the
FIFO self initialization process.
0x0
R
[10:0]
FIFO_BYTE_COUNT
Number of bytes in FIFO. This field indicates the number of
bytes in the FIFO.
0x0
R
0x0004 ECG_STATUS
[15:8]
RESERVED
Reserved.
0x0
R
7
ECG_ACLO_STATUS
ECG ACLO status bit. Write 1 to this bit to clear this status.
0x1
R/W1C
6
ECGIN_DCLO_HI_STATUS
ECGIN DCLO HI status bit. Write 1 to this bit to clear this status. 0x1
R/W1C
5
ECGIP_DCLO_HI_STATUS
ECGIP DCLO HI status bit. Write 1 to this bit to clear this status. 0x1
R/W1C
4
ECG_RLD_DCLO_HI_STATUS
ECG RLD DCLO HI status bit. Write 1 to this bit to clear this
status.
0x1
R/W1C
3
ECG_RLD_DCLO_LO_STATUS
ECG RLD DCLO LO status bit. Write 1 to this bit to clear this
status.
0x1
R/W1C
2
ECG_DCLO_STATUS
ECG DCLO status bit. Write 1 to this bit to clear this status.
0x1
R/W1C
1
ECG_PGA_SAT_STATUS
ECG PGA saturation status bit. Write 1 to this bit to clear this
status.
0x0
R/W1C
0
ECG_ADC_SAT_STATUS
ECG ADC saturation status bit. Write 1 to this bit to clear this
status.
0x0
R/W1C
0x0005 GLOBAL_STATUS
[15:1]
RESERVED
Reserved.
0x0
R
0
INVALID_CFG_STATUS
Status bit indicating that TIMESLOT_PERIOD_x is not
configured properly. Write 1 to this bit to clear this status.
0x0
R/W1C
0x0006 FIFO_TH
[15:10]
RESERVED
Reserved.
0x0
R
[9:0]
FIFO_TH
FIFO interrupt generation threshold. This bit generates the FIFO
interrupt during a FIFO write when the number of bytes in the
FIFO exceeds this value.
0x0
R/W
0x0007 INT_ACLEAR
15
INT_ACLEAR_FIFO
FIFO threshold interrupt automatic clear enable. Set this bit to
enable automatic clearing of the FIFO_TH bit interrupt each time
the FIFO is read.
0x1
R/W
[14:0]
RESERVED
Reserved.
0x0
R
0x0008 CHIP_ID
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
CHIP_ID
Chip ID.
0xC4
R
0x0009 OSC32M
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
OSC_32M_FREQ_ADJ
High frequency oscillator frequency control. 0x00 is the lowest
frequency, and 0xFF is maximum frequency.
0x80
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com