Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 24 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 20Page - Analog Devices ADPD6000 Datasheet HTML 21Page - Analog Devices ADPD6000 Datasheet HTML 22Page - Analog Devices ADPD6000 Datasheet HTML 23Page - Analog Devices ADPD6000 Datasheet HTML 24Page - Analog Devices ADPD6000 Datasheet HTML 25Page - Analog Devices ADPD6000 Datasheet HTML 26Page - Analog Devices ADPD6000 Datasheet HTML 27Page - Analog Devices ADPD6000 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 89 page
background image
Data Sheet
ADPD6000
THEORY OF OPERATION
analog.com
Rev. 0 | 24 of 89
If using a dedicated pin for a time stamp that does not have
transitions other than the time stamp, set the TIMESTAMP_ AL-
WAYS_EN bit to avoid automatic clearing of the CAPTURE_ TIME-
STAMP bit. This setting removes the need to enable the time stamp
capture each time.
The host can also use TIMESTAMP_SLOT_DELTA to determine
when the next time slot occurs. TIMESTAMP_SLOT_DELTA can
determine the arrival time of the samples currently in the FIFO.
The time stamp trigger is edge sensitive and can be set to
either trigger on the rising edge (default) or falling edge using
TIMESTAMP_INV.
Low Frequency Oscillator Calibration
The time stamp circuitry can calibrate the 960 kHz low fre-
quency oscillator circuit by adjusting the frequency to match
the timing of the time stamp triggers. Simply compare the
TIMESTAMP_COUNT_x value in low frequency oscillator cy-
cles to the actual time stamp trigger period and adjust the
OSC_960K_FREQ_ADJ value accordingly.
High Frequency Oscillator Calibration
The high frequency oscillator is calibrated by comparing multiples of
its cycles with multiple cycles of the low frequency oscillator, which
is calibrated to the system time. Calibration of the low frequency
oscillator precedes calibration of the high frequency oscillator. The
method for calibrating the high frequency oscillator is as follows:
1. Set OSC_CAL_ENABLE = 1 to enable the oscillator calibration
circuitry.
2. Write 1 to the OSC_32M_CAL_START bit.
3. The ADPD6000 automatically powers up the high frequency
oscillator.
4. The device automatically waits for the high frequency oscillator
to be stable.
5. An internal counter automatically counts the number of 32 MHz
high frequency oscillations that occur during 128 cycles of the
960 kHz low frequency oscillator.
6. The OSC_32M_CAL_COUNT bits update with the final count.
7. The 32 MHz oscillator automatically powers down following
calibration unless time slots are active.
8. The device resets the OSC_32M_CAL_START bit indicating the
count has updated.
The OSC_32M_FREQ_ADJ bits adjust the frequency of the 32
MHz oscillator to the desired frequency. When using an external
low frequency oscillator, the 32 MHz oscillator calibration is per-
formed with respect to the externally provided low frequency oscilla-
tor.
When the calibrations of the low frequency and high frequency
oscillators are complete, set CLK_CAL_ENA = 0 to disable the
clocking of the oscillator calibration circuitry to reduce the power
consumption. CLK_CAL_ENA defaults to 0 so that the calibration
circuitry is disabled by default.
EXECUTION MODES
A state machine in the low frequency oscillator clock domain
controls sleep times, wake-up cycles, and the start of time slot
operations. The low frequency oscillator serves as the time base
for all time slot operations, controls the sample rates, and clocks
the low frequency state machine. This state machine controls all
operations and is controlled by the OP_MODE bit.
Table 12. OP_MODE Bit Setting Descriptions
OP_MODE Setting Mode
Description
0
Standby
All operations stopped. Time slot actions reset.
Low power standby state.
1
Go
Transitioning to this state from standby mode
starts time slot operation.
At power-up and following any subsequent reset operations, the
ADPD6000 is in standby mode. The user can write 0 to the
OP_MODE bit to immediately stop operations and return to standby
mode.
The time slots are enabled by the ECG_TIMESLOT_EN,
PPG_TIMESLOT_EN, and BIOZ_TIMESLOT_EN bits in the OP-
MODE register (see Table 1). Set ECG_TIMESLOT_EN to 1 ena-
ble the ECG time slot. Set the BIOZ_TIMESLOT_EN value and
PPG_TIMESLOT_EN value to enable the corresponding BIOZ time
slots and PPG time slots, respectively.
After enabling the desired time slots, set the OP_MODE bit to 1 to
start the chip operation.
Register writes that affect operating modes cannot occur during
go mode. The user must enter standby mode before changing the
control registers. Standby mode resets the digital portion of the
ADC, all of the pulse generators, and the state machine.
When OP_MODE is set to 1, the device immediately starts the first
wake-up sequence and time slot operations unless using an exter-
nal synchronization trigger. If using an external synchronization
trigger, the device enters the sleep state before the first wake-up
and time slot regions begin.
HOST INTERFACE
The ADPD6000 uses an SPI to communicate with other devices.
The device also provides numerous FIFO, error, and threshold
status bits, each of which can be provided by an interrupt function
from a GPIO, read from status registers, or appended as optional
status bytes at the end of a FIFO packet.
Interrupt Status Bits
FIFO Threshold Interrupt
The FIFO threshold interrupt status bit, INT_FIFO_TH, is set when
the number of bytes in the FIFO exceeds the value stored in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com