Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 80 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 76Page - Analog Devices ADPD6000 Datasheet HTML 77Page - Analog Devices ADPD6000 Datasheet HTML 78Page - Analog Devices ADPD6000 Datasheet HTML 79Page - Analog Devices ADPD6000 Datasheet HTML 80Page - Analog Devices ADPD6000 Datasheet HTML 81Page - Analog Devices ADPD6000 Datasheet HTML 82Page - Analog Devices ADPD6000 Datasheet HTML 83Page - Analog Devices ADPD6000 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 80 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
0x022C LED_PULSE1_I
0x024C LED_PULSE1_J
0x026C LED_PULSE1_K
0x028C LED_PULSE1_L
0x12D
LED_PULSE2_A
[15:8]
RESERVED
Reserved.
0x0
R
0x014D LED_PULSE2_B
[7:0]
LED_SECOND_OFFSET_x
LED pulse offset for the second LED phase.
0x13
R/W
0x016D LED_PULSE2_C
0x018D LED_PULSE2_D
0x01AD LED_PULSE2_E
0x01CD LED_PULSE2_F
0x01ED LED_PULSE2_G
0x020D LED_PULSE2_H
0x022D LED_PULSE2_I
0x024D LED_PULSE2_J
0x026D LED_PULSE2_K
0x028D LED_PULSE2_L
0x012E INTEG_WIDTH_A
15
SINGLE_INTEG_x
Use single integrator pulse.
0x0
R/W
0x014E INTEG_WIDTH_B
0: use both generated integrator clocks.
0x016E INTEG_WIDTH_C
1: skip the second integrator clock.
0x018E INTEG_WIDTH_D
[14:13]
RESERVED
Reserved.
0x0
R
0x01AE INTEG_WIDTH_E
[12:11]
CH2_AMP_DISABLE_x
Amplifier disables for power control. Set the appropriate bit to
disable the Channel 2 amplifier in Time Slot x.
0: TIA.
1: integrator.
0x0
R/W
0x01CE INTEG_WIDTH_F
[10:9]
RESERVED
Reserved.
0x0
R
0x01EE INTEG_WIDTH_G
[8:7]
CH1_AMP_DISABLE_x
Amplifier disables for power control. Set the appropriate bit to
disable the Channel 1 amplifier in Time Slot x.
0: TIA.
1: integrator.
0x0
R/W
0x020E INTEG_WIDTH_H
[6:5]
ADC_COUNT_x
ADC conversions per pulse. Number of conversions =
ADC_COUNT + 1.
0x0
R/W
0x022E INTEG_WIDTH_I
[4:0]
INTEG_WIDTH_x
Integrator clock width.
0x3
R/W
0x024E INTEG_WIDTH_J
0x026E INTEG_WIDTH_K
0x028E INTEG_WIDTH_L
0x012F INTEG_OFFSET_A
[15:13]
RESERVED
Reserved.
0x0
R
0x014F INTEG_OFFSET_B
[12:5]
INTEG_OFFSET_x
Integrator clock coarse offset.
0xD
R/W
0x016F INTEG_OFFSET_C
[4:0]
INTEG_FINE_OFFSET_x
Integrator clock fine offset.
0x0
R/W
0x018F INTEG_OFFSET_D
0x01AF INTEG_OFFSET_E
0x01CF INTEG_OFFSET_F
0x01EF INTEG_OFFSET_G
0x020F INTEG_OFFSET_H
0x022F INTEG_OFFSET_I
0x024F INTEG_OFFSET_J
0x026F INTEG_OFFSET_K
0x028F INTEG_OFFSET_L
0x130
MOD_PULSE_A
[15:8]
MOD_WIDTH_x
Modulation pulse width. 0 = disable.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com