Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 1 Page - Analog Devices

  ADPD6000 Datasheet HTML 1Page - Analog Devices ADPD6000 Datasheet HTML 2Page - Analog Devices ADPD6000 Datasheet HTML 3Page - Analog Devices ADPD6000 Datasheet HTML 4Page - Analog Devices ADPD6000 Datasheet HTML 5Page - Analog Devices ADPD6000 Datasheet HTML 6Page - Analog Devices ADPD6000 Datasheet HTML 7Page - Analog Devices ADPD6000 Datasheet HTML 8Page - Analog Devices ADPD6000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
Data Sheet
ADPD6000
Multimodal Sensor Front End
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Optical channel
►
4 input channels with multiple operation modes for various
sensor measurements
►
Dual channel processing with simultaneous sampling
►
12 programmable time slots for synchronized sensor meas-
urements
►
Flexible input multiplexing to support single-ended sensor
measurements
►
4 LED drivers, 2 of which can be driven simultaneously
►
Flexible sampling rate from 0.004 Hz to 9 kHz using internal
oscillators
►
SNR of transmit and receive signal chain: 117 dB (with off-chip
filtering)
►
AC ambient light rejection: 78 dB up to 100 Hz
►
400 mA total LED peak drive current
►
Individual ambient light rejection DAC at TIA input with 9-bit
control up to 300 μA
►
Individual LED dc cancellation DAC at TIA input with 7-bit
control up to 190 μA
►
ECG channel
►
0.75 μV rms RTI noise at diagnostic filter bandwidth (150 Hz)
►
High input impedance: 3 GΩ
►
Accepts up to 1.2 V of dc differential input range
►
Common-mode rejection ratio: 116 dB
►
Two-electrode and three-electrode configurations
►
AC lead off detection and dc lead off detection
►
BIA channel
►
Low power, high accuracy excitation path
►
Configurable output frequency up to 250 kHz
►
Sine wave excitation with a 12-bit DAC
►
High accuracy with large imbalance contact impedance
►
Configurable receive filters with low noise design
►
Complex impedance measurement engine
►
Supports both external calibration and internal calibration
►
SPI communications supported
►
640-byte FIFO
APPLICATIONS
►
Wearable health and fitness monitors: heart rate, heart rate
variability, SpO2, body impedance analysis, hydration, cuffless
noninvasive blood pressure
►
Home patient monitoring
►
Industrial monitoring: particle and aerosol, gas, and conductivity
detection
GENERAL DESCRIPTION
The ADPD6000 is a highly integrated analog front end (AFE)
designed for measuring various vital signals.
The optical channel is designed as an optical transceiver, stimulat-
ing up to four light emitting diodes (LEDs) and measuring the
return signal on up to four separate current inputs. The signal chain
rejects signal offsets and corruption from asynchronous modulated
interference, typically from ambient light, eliminating the need for
optical filters or externally controlled dc cancellation circuitry.
The electrocardiography (ECG) signal acquisition is designed to
support low noise, diagnostic level measurement in the presence
of a variety of interferers. The ECG signal chain has a number
of complementary features supporting ECG measurement, such as
driven reference for common-mode rejection and lead off detection
to identify a fallen electrode.
The body impedance analysis (BIA) signal chain is designed for
body impedance measurement with a configurable excitation path
and measurement path. A 12-bit digital-to-analog (DAC) is used
in the excitation path to generate the sinusoid wave and high
precision measurement, with configurable filters used to measure
the body response of the stimulus.
The data output and functional configuration use a serial port inter-
face (SPI) on the ADPD6000. The control circuitry includes flexible
LED signaling and synchronous detection, digital filters, digital wave
generators, and configurable filters.
The ADPD6000 is available in a 2.6 mm × 2.6 mm, 0.4 mm pitch,
36-ball wafer level chip scale package (WLCSP).
Analog Devices is in the process of updating documentation to provide terminology and language that is culturally appropriate. This is a process
with a wide scope and will be phased in as quickly as possible. Thank you for your patience.


Similar Part No. - ADPD6000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD103 AD-ADPD103 Datasheet
982Kb / 53P
TEMPERATURE AND POWER SPECIFICATIONS
REV. B
ADPD103BCBZRL7 AD-ADPD103BCBZRL7 Datasheet
982Kb / 53P
TEMPERATURE AND POWER SPECIFICATIONS
REV. B
ADPD103BCPZ AD-ADPD103BCPZ Datasheet
982Kb / 53P
TEMPERATURE AND POWER SPECIFICATIONS
REV. B
ADPD103BCPZRL AD-ADPD103BCPZRL Datasheet
982Kb / 53P
TEMPERATURE AND POWER SPECIFICATIONS
REV. B
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
Photometric Front Ends
1/2017-Rev. 0 to Rev. A
More results

Similar Description - ADPD6000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
Inductive Sensor Analog Front End Device
2009
logo
Texas Instruments
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Exar Corporation
XR18910 EXAR-XR18910 Datasheet
948Kb / 19P
8:1 Sensor Interface Analog Front End
logo
Shenzhen Huazhimei Semi...
HM1001 HMSEMI-HM1001 Datasheet
486Kb / 9P
Infrared sensor analog front end dedicated chip
logo
Analog Devices
ADPD4000 AD-ADPD4000 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4100 AD-ADPD4100 Datasheet
1Mb / 101P
Multimodal Sensor Front End
6/2020-Revision 0
ADPD4200 AD-ADPD4200 Datasheet
1Mb / 93P
Multimodal Sensor Front End
Rev. 0
ADPD7000 AD-ADPD7000 Datasheet
2Mb / 127P
Multimodal Sensor Front End
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com