Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 49 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 45Page - Analog Devices ADPD6000 Datasheet HTML 46Page - Analog Devices ADPD6000 Datasheet HTML 47Page - Analog Devices ADPD6000 Datasheet HTML 48Page - Analog Devices ADPD6000 Datasheet HTML 49Page - Analog Devices ADPD6000 Datasheet HTML 50Page - Analog Devices ADPD6000 Datasheet HTML 51Page - Analog Devices ADPD6000 Datasheet HTML 52Page - Analog Devices ADPD6000 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
Data Sheet
ADPD6000
REGISTER SUMMARY
analog.com
Rev. 0 | 49 of 89
Table 20. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
[7:0]
CH2_ADC_ADJUST_G[7:0]
0x01F5
DATA1_G
[15:8]
DARK_SHIFT_G
DARK_SIZE_G
0x0003 R/W
[7:0]
SIGNAL_SHIFT_G
SIGNAL_SIZE_G
0x01F6
DATA2_G
[15:8]
RESERVED
0x0000 R/W
[7:0]
LIT_SHIFT_G
LIT_SIZE_G
0x01F7
DECIMATE_G [15:8]
RESERVED
DECIMATE_FACTOR_G[6:4]
0x0000 R/W
[7:0]
DECIMATE_FACTOR_G[3:0]
RESERVED
0x01F8
DIGINT_LIT_G [15:8]
RESERVED
LIT_OFFSE
T_G[8]
0x0026 R/W
[7:0]
LIT_OFFSET_G[7:0]
0x01F9
DIGINT_DARK
_G
[15:8]
DARK2_OFFSET_G[8:1]
0x0086 R/W
[7:0]
DARK2_OF
FSET_G[0]
DARK1_OFFSET_G
0x0200
TS_CTRL_H
[15:8]
SUBSAMPL
E_H
CH2_EN_H
SAMPLE_TYPE_H
RESERVE
D
TIMESLOT_OFFSET_H[9:
8]
0x0000 R/W
[7:0]
TIMESLOT_OFFSET_H[7:0]
0x0201
TS_PATH_H
[15:8]
PRE_WIDTH_H
AMBIENT_CANCELLATIO
N_H
TS_GPIO_
H
AFE_INT_C
_BUF_H
0x4020 R/W
[7:0]
RESERVE
D
AFE_PATH_CFG_H
0x0202
INPUTS_H
[15:8]
RESERVED
0x0000 R/W
[7:0]
INP34_H
INP12_H
0x0203
CATHODE_H
[15:8]
RESERVE
D
PRECON_H
VC2_PULSE_H
VC2_ALT_H
0x0000 R/W
[7:0]
VC2_SEL_H
VC1_PULSE_H
VC1_ALT_H
VC1_SEL_H
0x0204
AFE_TRIM1_H [15:8]
TIA_CEIL_
DETECT_E
N_H
CH2_TRIM_INT_H
CH1_TRIM_INT_H
VREF_PUL
SE_H
AFE_TRIM_VREF_H
0x02C9 R/W
[7:0]
VREF_PULSE_VAL_H
TIA_GAIN_CH2_H
TIA_GAIN_CH1_H
0x0205
AFE_TRIM2_H [15:8]
RESERVED
CH2_TRIM
_INT_CAP_
H
CH1_TRIM
_INT_CAP_
H
RESERVED
0x0000 R/W
[7:0]
RESERVED
0x0206
AFE_DAC1_H [15:8]
DAC_AMBIENT_CH1_H[8:1]
0x0000 R/W
[7:0]
DAC_AMBI
ENT_CH1_
H[0]
DAC_LED_DC_CH1_H
0x0207
AFE_DAC2_H [15:8]
DAC_AMBIENT_CH2_H[8:1]
0x0000 R/W
[7:0]
DAC_AMBI
ENT_CH2_
H[0]
DAC_LED_DC_CH2_H
0x0208
LED_POW12_
H
[15:8]
LED_DRIV
ESIDE2_H
LED_CURRENT2_H
0x0000 R/W
[7:0]
LED_DRIV
ESIDE1_H
LED_CURRENT1_H
0x0209
LED_MODE_H [15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
LED_MOD
E2_H
LED_MOD
E1_H
0x020A
COUNTS_H
[15:8]
NUM_INT_H
0x0101 R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com