Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 64 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 60Page - Analog Devices ADPD6000 Datasheet HTML 61Page - Analog Devices ADPD6000 Datasheet HTML 62Page - Analog Devices ADPD6000 Datasheet HTML 63Page - Analog Devices ADPD6000 Datasheet HTML 64Page - Analog Devices ADPD6000 Datasheet HTML 65Page - Analog Devices ADPD6000 Datasheet HTML 66Page - Analog Devices ADPD6000 Datasheet HTML 67Page - Analog Devices ADPD6000 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
Data Sheet
ADPD6000
REGISTER SUMMARY
analog.com
Rev. 0 | 64 of 89
Table 20. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
[7:0]
BIOZ_TIA_
LPMODE_F
BIOZ_EXC
BUF_LPMO
DE_F
BIOZ_CHOP_OFF_IN_F
BIOZ_AMP_OFF_F
BIOZ_PGA
_PD_F
BIOZ_DAC
_RCF_LOW
BW_EN_F
0x034B
BIOZ_ANA_CT
RL2_F
[15:8]
RESERVE
D
BIOZ_CM_
SW_F
BIOZ_NCHAN_F
BIOZ_PCHAN_F
BIOZ_TSW_F[3:2]
0x0000 R/W
[7:0]
BIOZ_TSW_F[1:0]
BIOZ_DSW_F
BIOZ_TRS
W_F
BIOZ_DRS
W_F
0x034C
BIOZ_ANA_CT
RL3_F
[15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
BIOZ_RINT_SW_F
0x034D
BIOZ_ADCFIL
TERCON_F
[15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
BIOZ_AVRGNUM_F
BIOZ_AVR
GEN_F
BIOZ_SINC
3BYP_F
BIOZ_SINC3OSR_F
0x034E
BIOZ_DFTCO
N_F
[15:8]
RESERVED
0x0009 R/W
[7:0]
RESERVED
BIOZ_WG_
DFT_DIFF_
PHASE_EN
_F
BIOZ_HAN
NINGEN_F
BIOZ_DFTNUM_F
0x034F
BIOZ_ADC_C
ONV_DLY_F
[15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
BIOZ_ADC_CONV_DLY_F
0x0350
BIOZ_DFTPH
ASE_LOW_F
[15:8]
BIOZ_DFT_PHASE_OFFSET_L_F[15:8]
0x0000 R/W
[7:0]
BIOZ_DFT_PHASE_OFFSET_L_F[7:0]
0x0351
BIOZ_DFTPH
ASE_HI_F
[15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
BIOZ_DFT_PHASE_OFFSET_H_F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com