Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 28 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 24Page - Analog Devices ADPD6000 Datasheet HTML 25Page - Analog Devices ADPD6000 Datasheet HTML 26Page - Analog Devices ADPD6000 Datasheet HTML 27Page - Analog Devices ADPD6000 Datasheet HTML 28Page - Analog Devices ADPD6000 Datasheet HTML 29Page - Analog Devices ADPD6000 Datasheet HTML 30Page - Analog Devices ADPD6000 Datasheet HTML 31Page - Analog Devices ADPD6000 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 89 page
background image
Data Sheet
ADPD6000
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 28 of 89
Figure 41. One-Region Digital Integration Mode Timing Diagram
Figure 42. Two-Region Digital Integration Mode Timing Diagram
Table 14. Relevant Settings for Digital Integration Modes
Group
Time Slot A Register Address
Bit Field Name
Description
Signal Path Setup 0x0120, Bits[13:11]
SAMPLE_TYPE_x
Set to 0x2 for one-region digital integration mode. Set to 0x3 for two-region digital
integration mode.
0x0121, Bits[6:0]
AFE_PATH_CFG_x
Set to 0x28 for TIA, buffer, and ADC. Use 1x TIA configuration.
0x0122, Bits[7:0]
INPxx_x
Enable desired inputs.
0x0123, Bits[14:12]
PRECON_x
Set to 0x5 to precondition anode of photodiode to TIA_VREF.
0x0123, Bits[7:6], Bits[1:0]
VCx_SELECT_x
Set to 0x2 to set ~215 mV reverse bias across photodiode.
0x0124, Bits[5:0]
TIA_GAIN_CHx_x
Select TIA gain.
0x0124, Bits[9:8]
AFE_TRIM_VREF_x
Set to 0x2 to set TIA_VREF = 0.8855 V.
0x0124, Bits[12:11], Bits[14:13]
CH1_TRIM_INT_x
Set to 0x3 to set buffer gain = 2.
0x125, Bits[13:12]
CH1_TRIM_INT_CAP_x
Set to 0x1 to 12.6 pF
Timing
0x012A, Bits[15:8]
NUM_INT_x
Set to the number of desired ADC conversions in the dark and lit regions.
0x012A, Bits[7:0]
NUM_REPEAT_x
Number of sequence repeats.
0x012B, Bits[9:0]
MIN_PERIOD_x
Set the period. Automatic period calculation is not supported in digital integration
mode.
0x0138, Bits[8:0]
LIT_OFFSET_x
Set to the time of the first ADC conversion in the lit region.
0x0139, Bits[6:0]
DARK1_OFFSET_x
Set to the time of the first ADC conversion in the Dark 1 region.
0x0139, Bits[15:7]
DARK2_OFFSET_x
Set to the time of the first ADC conversion in the Dark 2 region. Only used in
two-region digital integration mode.
LED Settings
0x0129, Bits[1:0]
LED_MODEx_x
Select LED mode.
0x0128, Bit 15 and Bit 7
LED_DRIVESIDEx_x
Select LED for time slot used.
0x0128, Bits[14:8], Bits[6:0]
LED_CURRENTx_x
Set LED current for selected LED.
0x012C, Bits[7:0]
LED_OFFSET_x
Sets start time of first LED pulse in 1 μs increments.
0x012C, Bits[15:8]
LED_WIDTH_x
Sets width of LED pulse in 1 μs increments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com