Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 53 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 49Page - Analog Devices ADPD6000 Datasheet HTML 50Page - Analog Devices ADPD6000 Datasheet HTML 51Page - Analog Devices ADPD6000 Datasheet HTML 52Page - Analog Devices ADPD6000 Datasheet HTML 53Page - Analog Devices ADPD6000 Datasheet HTML 54Page - Analog Devices ADPD6000 Datasheet HTML 55Page - Analog Devices ADPD6000 Datasheet HTML 56Page - Analog Devices ADPD6000 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
Data Sheet
ADPD6000
REGISTER SUMMARY
analog.com
Rev. 0 | 53 of 89
Table 20. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
[7:0]
RESERVED
LED_MOD
E2_J
LED_MOD
E1_J
0x024A
COUNTS_J
[15:8]
NUM_INT_J
0x0101 R/W
[7:0]
NUM_REPEAT_J
0x024B
PERIOD_J
[15:8]
RESERVE
D
RESERVE
D
MOD_TYPE_J
RESERVED
MIN_PERIOD_J[9:8]
0x0000 R/W
[7:0]
MIN_PERIOD_J[7:0]
0x024C
LED_PULSE1
_J
[15:8]
LED_WIDTH_J
0x0210 R/W
[7:0]
LED_OFFSET_J
0x024D
LED_PULSE2
_J
[15:8]
RESERVED
0x0013 R/W
[7:0]
LED_SECOND_OFFSET_J
0x024E
INTEG_WIDTH
_J
[15:8]
SINGLE_IN
TEG_J
RESERVED
CH2_AMP_DISABLE_J
RESERVED
CH1_AMP_
DISABLE_
J[1]
0x0003 R/W
[7:0]
CH1_AMP_
DISABLE_
J[0]
ADC_COUNT_J
INTEG_WIDTH_J
0x024F
INTEG_OFFS
ET_J
[15:8]
RESERVED
INTEG_OFFSET_J[7:3]
0x01A0 R/W
[7:0]
INTEG_OFFSET_J[2:0]
INTEG_FINE_OFFSET_J
0x0250
MOD_PULSE_
J
[15:8]
MOD_WIDTH_J
0x0001 R/W
[7:0]
MOD_OFFSET_J
0x0251
PATTERN1_J
[15:8]
LED_DISABLE_J
MOD_DISABLE_J
0x0000 R/W
[7:0]
SUBTRACT_J
REVERSE_INTEG_J
0x0253
ADC_OFF1_J
[15:8]
RESERVED
CH1_ADC_ADJUST_J[13:8]
0x0000 R/W
[7:0]
CH1_ADC_ADJUST_J[7:0]
0x0254
ADC_OFF2_J
[15:8]
RESERVED
CH2_ADC_ADJUST_J[13:8]
0x0000 R/W
[7:0]
CH2_ADC_ADJUST_J[7:0]
0x0255
DATA1_J
[15:8]
DARK_SHIFT_J
DARK_SIZE_J
0x0003 R/W
[7:0]
SIGNAL_SHIFT_J
SIGNAL_SIZE_J
0x0256
DATA2_J
[15:8]
RESERVED
0x0000 R/W
[7:0]
LIT_SHIFT_J
LIT_SIZE_J
0x0257
DECIMATE_J
[15:8]
RESERVED
DECIMATE_FACTOR_J[6:4]
0x0000 R/W
[7:0]
DECIMATE_FACTOR_J[3:0]
RESERVED
0x0258
DIGINT_LIT_J [15:8]
RESERVED
LIT_OFFSE
T_J[8]
0x0026 R/W
[7:0]
LIT_OFFSET_J[7:0]
0x0259
DIGINT_DARK
_J
[15:8]
DARK2_OFFSET_J[8:1]
0x0086 R/W
[7:0]
DARK2_OF
FSET_J[0]
DARK1_OFFSET_J
0x0260
TS_CTRL_K
[15:8]
SUBSAMPL
E_K
CH2_EN_K
SAMPLE_TYPE_K
RESERVE
D
TIMESLOT_OFFSET_K[9:
8]
0x0000 R/W
[7:0]
TIMESLOT_OFFSET_K[7:0]
0x0261
TS_PATH_K
[15:8]
PRE_WIDTH_K
AMBIENT_CANCELLATIO
N_K
TS_GPIO_
K
AFE_INT_C
_BUF_K
0x4020 R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com