Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 76 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 72Page - Analog Devices ADPD6000 Datasheet HTML 73Page - Analog Devices ADPD6000 Datasheet HTML 74Page - Analog Devices ADPD6000 Datasheet HTML 75Page - Analog Devices ADPD6000 Datasheet HTML 76Page - Analog Devices ADPD6000 Datasheet HTML 77Page - Analog Devices ADPD6000 Datasheet HTML 78Page - Analog Devices ADPD6000 Datasheet HTML 79Page - Analog Devices ADPD6000 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 76 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
0100: IN2 connected to Channel 2. IN1 disconnected.
0101: IN1 connected to Channel 1. IN2 connected to Channel 2.
0110: IN2 connected to Channel 1. IN1 connected to Channel 2.
0111: IN1 and IN2 connected to Channel 1. Single-ended or
differential, based on PAIR12.
1000: IN1 and IN2 connected to Channel 2. Single-ended or
differential, based on PAIR12.
0x0123 CATHODE_A
15
RESERVED
Reserved.
0x0
R
0x0143 CATHODE_B
[14:12]
PRECON_x
Precondition value for enabled inputs during this time slot.
0x0
R/W
0x0163 CATHODE_C
000: float inputs.
0x0183 CATHODE_D
001: precondition to VC1.
0x01A3 CATHODE_E
010: precondition to VC2.
0x01C3 CATHODE_F
011: precondition to VICM.
0x01E3 CATHODE_G
100: precondition with TIA input.
0x0203 CATHODE_H
101: precondition with TIA_VREF.
0x0223 CATHODE_I
110: Precondition by shorting differential pair.
0x0243 CATHODE_J
[11:10]
VC2_PULSE_x
VC2 pulse control.
0x0
R/W
0x0263 CATHODE_K
00: no pulsing.
0x0283 CATHODE_L
01: alternate odd/even time slots.
10: pulse to alternate value using modulate pulse.
11: leave VC2 floating.
[9:8]
VC2_ALT_x
VC2 alternate pulsed state for this time slot.
0x0
R/W
00: AVDD.
01: TIA_VREF.
10: TIA_VREF + 215 mV (V_DELTA).
11: GND.
[7:6]
VC2_SEL_x
VC2 active state for this time slot.
0x0
R/W
00: AVDD.
01: TIA_VREF.
10: V_DELTA.
11: GND.
[5:4]
VC1_PULSE_x
VC1 pulse control.
0x0
R/W
00: no pulsing.
01: alternate odd/even times lots.
10: pulse to alternate value using modulate pulse.
11: leave VC1 floating.
[3:2]
VC1_ALT_x
VC1 alternate pulsed state for Time Slot x.
0x0
R/W
00: AVDD.
01: TIA_VREF.
10: V_DELTA.
11: GND.
[1:0]
VC1_SEL_x
VC1 active state for Time Slot x.
0x0
R/W
00: AVDD.
01: TIA_VREF.
10: V_DELTA.
11: GND.
0x0124 AFE_TRIM1_A
15
TIA_CEIL_DETECT_EN_x
Enable TIA saturation detection. Set to 1 to enable TIA
saturation detection circuitry. Enables Channel 1 and also
Channel 2 if Channel 2 is enabled.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com