Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 43 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 39Page - Analog Devices ADPD6000 Datasheet HTML 40Page - Analog Devices ADPD6000 Datasheet HTML 41Page - Analog Devices ADPD6000 Datasheet HTML 42Page - Analog Devices ADPD6000 Datasheet HTML 43Page - Analog Devices ADPD6000 Datasheet HTML 44Page - Analog Devices ADPD6000 Datasheet HTML 45Page - Analog Devices ADPD6000 Datasheet HTML 46Page - Analog Devices ADPD6000 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 89 page
background image
Data Sheet
ADPD6000
REGISTER SUMMARY
analog.com
Rev. 0 | 43 of 89
Table 20. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x0178
DIGINT_LIT_C [15:8]
RESERVED
LIT_OFFSE
T_C[8]
0x0026 R/W
[7:0]
LIT_OFFSET_C[7:0]
0x0179
DIGINT_DARK
_C
[15:8]
DARK2_OFFSET_C[8:1]
0x0086 R/W
[7:0]
DARK2_OF
FSET_C[0]
DARK1_OFFSET_C
0x0180
TS_CTRL_D
[15:8]
SUBSAMPL
E_D
CH2_EN_D
SAMPLE_TYPE_D
RESERVE
D
TIMESLOT_OFFSET_D[9:
8]
0x0000 R/W
[7:0]
TIMESLOT_OFFSET_D[7:0]
0x0181
TS_PATH_D
[15:8]
PRE_WIDTH_D
AMBIENT_CANCELLATIO
N_D
TS_GPIO_
D
AFE_INT_C
_BUF_D
0x4020 R/W
[7:0]
RESERVE
D
AFE_PATH_CFG_D
0x0182
INPUTS_D
[15:8]
RESERVED
0x0000 R/W
[7:0]
INP34_D
INP12_D
0x0183
CATHODE_D
[15:8]
RESERVE
D
PRECON_D
VC2_PULSE_D
VC2_ALT_D
0x0000 R/W
[7:0]
VC2_SEL_D
VC1_PULSE_D
VC1_ALT_D
VC1_SEL_D
0x0184
AFE_TRIM1_D [15:8]
TIA_CEIL_
DETECT_E
N_D
CH2_TRIM_INT_D
CH1_TRIM_INT_D
VREF_PUL
SE_D
AFE_TRIM_VREF_D
0x02C9 R/W
[7:0]
VREF_PULSE_VAL_D
TIA_GAIN_CH2_D
TIA_GAIN_CH1_D
0x0185
AFE_TRIM2_D [15:8]
RESERVED
CH2_TRIM
_INT_CAP_
D
CH1_TRIM
_INT_CAP_
D
RESERVED
0x0000 R/W
[7:0]
RESERVED
0x0186
AFE_DAC1_D [15:8]
DAC_AMBIENT_CH1_D[8:1]
0x0000 R/W
[7:0]
DAC_AMBI
ENT_CH1_
D[0]
DAC_LED_DC_CH1_D
0x0187
AFE_DAC2_D [15:8]
DAC_AMBIENT_CH2_D[8:1]
0x0000 R/W
[7:0]
DAC_AMBI
ENT_CH2_
D[0]
DAC_LED_DC_CH2_D
0x0188
LED_POW12_
D
[15:8]
LED_DRIV
ESIDE2_D
LED_CURRENT2_D
0x0000 R/W
[7:0]
LED_DRIV
ESIDE1_D
LED_CURRENT1_D
0x0189
LED_MODE_D [15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
LED_MOD
E2_D
LED_MOD
E1_D
0x018A
COUNTS_D
[15:8]
NUM_INT_D
0x0101 R/W
[7:0]
NUM_REPEAT_D
0x018B
PERIOD_D
[15:8]
RESERVE
D
RESERVE
D
MOD_TYPE_D
RESERVED
MIN_PERIOD_D[9:8]
0x0000 R/W
[7:0]
MIN_PERIOD_D[7:0]
0x018C
LED_PULSE1
_D
[15:8]
LED_WIDTH_D
0x0210 R/W
[7:0]
LED_OFFSET_D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com