Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 4 Page - Analog Devices

  ADPD6000 Datasheet HTML 1Page - Analog Devices ADPD6000 Datasheet HTML 2Page - Analog Devices ADPD6000 Datasheet HTML 3Page - Analog Devices ADPD6000 Datasheet HTML 4Page - Analog Devices ADPD6000 Datasheet HTML 5Page - Analog Devices ADPD6000 Datasheet HTML 6Page - Analog Devices ADPD6000 Datasheet HTML 7Page - Analog Devices ADPD6000 Datasheet HTML 8Page - Analog Devices ADPD6000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
Data Sheet
ADPD6000
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 89
TEMPERATURE AND POWER SPECIFICATIONS
Table 1. Temperature and Power Specifications
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating Range
−40
+85
°C
Storage Range
−65
+150
°C
POWER SUPPLY VOLTAGES
AVDD
1.7
1.8
1.9
V
AVDD3
2.7
3.3
3.6
V
DVDD
1.7
1.8
1.9
V
IOVDD
1.7
1.8
3.6
V
PERFORMANCE SPECIFICATIONS
AVDD = DVDD = IOVDD = 1.8 V, AVDD3 = 3.3V, and TA = 25°C, unless otherwise noted.
Table 2. Performance Specifications
Parameter
Test Condition/Comments
Min
Typ
Max
Unit
DATA ACQUISTION
Datapath Width
32
Bits
FIRST IN, FIRST OUT (FIFO) SIZE
640
Bytes
PHOTOPLETHYSMOGRAPHY (PPG)
CHANNEL
Transimpedance Amplifier (TIA) Gain
12.5
400
kΩ
DIGITAL INTEGRATION MODE
Analog-to-Digital Converter (ADC)
Resolution
TIA feedback resistor (RF)
5.84
nA/LSB
25 kΩ
2.92
nA/LSB
50 kΩ
1.46
nA/LSB
100 kΩ
0.73
nA/LSB
200 kΩ
0.365
nA/LSB
400 kΩ
0.183
nA/LSB
ADC Saturation Level
TIA feedback resistor
12.5 kΩ
48
μA
25 kΩ
24
μA
50 kΩ
12
μA
100 kΩ
6
μA
200 kΩ
3
μA
400 kΩ
1.5
μA
DC Ambient Light Rejection (ALR)
ALR Range
0
300
μA
ALR Resolution
0.59
μA
LED DC Cancellation
Range
0
190
μA
Resolution
1.48
μA
Dark Noise
Pulse = 1, ADC sample = 20
TIA gain = 12.5 kΩ
1490
pA rms
TIA gain = 25 kΩ
775
pA rms
TIA gain = 50 kΩ
401.5
pA rms
TIA gain = 100 kΩ
204.5
pA rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com