Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 20 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 16Page - Analog Devices ADPD6000 Datasheet HTML 17Page - Analog Devices ADPD6000 Datasheet HTML 18Page - Analog Devices ADPD6000 Datasheet HTML 19Page - Analog Devices ADPD6000 Datasheet HTML 20Page - Analog Devices ADPD6000 Datasheet HTML 21Page - Analog Devices ADPD6000 Datasheet HTML 22Page - Analog Devices ADPD6000 Datasheet HTML 23Page - Analog Devices ADPD6000 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
Data Sheet
ADPD6000
THEORY OF OPERATION
analog.com
Rev. 0 | 20 of 89
Right Leg Driver
The use of a driven reference benefits overall performance by
improving common-mode rejection of noise and interference from
external sources, such as power line interference (50 Hz/60 Hz) or
other patient connected instruments. The drive stage also acts to
absorb lead fail currents injected into the ECG electrodes.
The reference electrode drive circuit senses the patient common-
mode voltage and drives an inverted version back to the body,
creating a negative feedback loop around the patient. The RLD am-
plifier uses VCM = AVDD3/2, which centers the electrode voltages in
the middle of the ADC input range. Each electrode input is buffered
and fed to the RLD amplifier through a switch.
The amount of capacitance on the RLD pin affects the RLD amplifi-
er. For best performance, the capacitance on this node must be
less than 2.2 nF. In normal operation, the RLD amplifier output
is applied to the RL electrode via the RLD pin and associated
protection network.
The RLD amplifier can be turned off and the user can drive the RLD
pin by selecting a voltage in the ECG_RLD_OUT_SEL bit field.
BIA SIGNAL CHAIN
The BIA signal chain is designed for body impedance measure-
ment. The signal chain consists of a high frequency precision
excitation loop and a measurement channel, which enables a wide
capability of measurement of the different bioimpedance configura-
tions.
The excitation loop consists of a 12-bit DAC, referred to as the
high speed DAC. This DAC is capable of generating high frequency
excitation signals up to 250 kHz.
The measurement channel features an ADC with input buffers, a
built in antialias filter, and a PGA.
An ultralow leakage, programmable switch matrix connects the sen-
sor to the internal analog excitation and measurement blocks. This
matrix provides an interface for connecting external bioimpedance
and calibration resistors. Figure 32 shows the block diagram of this
BIA signal chain.
Figure 32. BIA Channel Block Diagram (ZCONT Is Contact Impedance and
ZBODY Is Human Body Impedance)
The input multiplexer (mux) of the excitation loop is controlled by
the BIOZ_TSW_x, BIOZ_TRSW_x, BIOZ_DSW_x, BIOZ_DRSW_x.
The input mux for the measurement path is controlled by the
BIOZ_NCHAN_x and BIOZ_PCHAN_x. Table 10 shows the con-
nections of the input mux with the related bit setting. The flexible
design of the BIA channel allows different configurations of the
measurement.
Table 10. TIA Connections in the BIA Channel
Bit Name
Setting
Connection
BIOZ_TSW_x
0001
IMPIP
0010
IMPIN
0100
EXCP
1000
EXCN
BIOZ_TRSW_x
1
RCALN
BIOZ_RINT_SW_x, Bit 1
1
RINT_SN1
BIOZ_DSW_x
0001
IMPIP
0010
IMPIN
0100
EXCP
1000
EXCN
BIOZ_DRSW_x
1
RCALP
BIOZ_RINT_SW_x, Bit 0
1
RINT_SP1
BIOZ_PCHAN_x and
BIOZ_NCHAN_x
00
TIA
01
IMPIP and IMPIN
10
RCALN and RCALP
11
RINT
1 RINT_SN and RINT_SP refer to the two terminals of the internal resistor (RINT).
The frequency of the generated sine wave is controlled by BI-
OZ_SINEFCW_x_x, whereas the amplitude of the sine wave is con-
trolled by BIOZ_SINEAMPLITUDE_x. BIOZ_SINE_PHASE_OFF-
SET_x is used to control the sine wave phase.
Equation 2 and Equation 3 show how to set the voltage output
(VOUT) amplitude and sine wave frequency with these bits, respec-
tively, as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com