Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 84 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 80Page - Analog Devices ADPD6000 Datasheet HTML 81Page - Analog Devices ADPD6000 Datasheet HTML 82Page - Analog Devices ADPD6000 Datasheet HTML 83Page - Analog Devices ADPD6000 Datasheet HTML 84Page - Analog Devices ADPD6000 Datasheet HTML 85Page - Analog Devices ADPD6000 Datasheet HTML 86Page - Analog Devices ADPD6000 Datasheet HTML 87Page - Analog Devices ADPD6000 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 84 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
0x0302 BIOZ_WGFCW_HI_D
0x0322 BIOZ_WGFCW_HI_E
0x0342 BIOZ_WGFCW_HI_F
0x02A3 BIOZ_WGPHASE_LOW_A
[15:0]
BIOZ_SINE_PHASE_OFFSET_L
_x
Sinusoid phase offset. BIOZ_SINE_PHASE_OFFSET_H_x
and BIOZ_SINE_PHASE_OFFSET_L_x constitute
BIOZ_SINE_PHASE_OFFSET_x_x, Bits[19:0].
BIOZ_SINE_PHASE_OFFSET_x_x, Bits[19:0] = Phase
(degree)/360 × 220. For example, to get a 45° phase offset,
BIOZ_SINE_PHASE_OFFSET_x_x, Bits[19:0] = 45/360 × 220.
0x0
R/W
0x02C3 BIOZ_WGPHASE_LOW_B
0x02E3 BIOZ_WGPHASE_LOW_C
0x0303 BIOZ_WGPHASE_LOW_D
0x0323 BIOZ_WGPHASE_LOW_E
0x0343 BIOZ_WGPHASE_LOW_F
0x02A4 BIOZ_WGPHASE_HI_A
[15:4]
RESERVED
Reserved.
0x0
R
0x02C4 BIOZ_WGPHASE_HI_B
[3:0]
BIOZ_SINE_PHASE_OFFSET_H
_x
Sinusoid phase offset. BIOZ_SINE_PHASE_OFFSET_H_x
and BIOZ_SINE_PHASE_OFFSET_L_x constitute
BIOZ_SINE_PHASE_OFFSET_x_x, Bits[19:0].
BIOZ_SINE_PHASE_OFFSET_x_x, Bits[19:0] = Phase
(degree)/360 × 220. For example, to get 45° phase offset,
BIOZ_SINE_PHASE_OFFSET_x_x, Bits[19:0] = 45/360 × 220.
0x0
R/W
0x02E4 BIOZ_WGPHASE_HI_C
0x0304 BIOZ_WGPHASE_HI_D
0x0324 BIOZ_WGPHASE_HI_E
0x0344 BIOZ_WGPHASE_HI_F
0x02A5 BIOZ_WGOFFSET_A
[15:12]
RESERVED
Reserved.
0x0
R
0x02C5 BIOZ_WGOFFSET_B
[11:0]
BIOZ_SINE_OFFSET_x
Sinusoid offset. Added to the waveform generator output in
sinusoid mode. Signed number represented in twos complement
format.
0x0
R/W
0x02E5 BIOZ_WGOFFSET_C
0x0305 BIOZ_WGOFFSET_D
0x0325 BIOZ_WGOFFSET_E
0x0345 BIOZ_WGOFFSET_F
0x02A6 BIOZ_WGAMPLITUDE_A
[15:11]
RESERVED
Reserved.
0x0
R
0x02C6 BIOZ_WGAMPLITUDE_B
[10:0]
BIOZ_SINEAMPLITUDE_x
Sinusoid amplitude. Unsigned number. Scales the
waveform generator in sinusoid mode. Gain coefficient =
SINEAMPLITUDE, Bits[10:0]/211.
0x600 R/W
0x02E6 BIOZ_WGAMPLITUDE_C
0x0306 BIOZ_WGAMPLITUDE_D
0x0326 BIOZ_WGAMPLITUDE_E
0x0346 BIOZ_WGAMPLITUDE_F
0x02A7 BIOZ_DACCON_A
[15:14]
RESERVED
Reserved.
0x0
R
0x02C7 BIOZ_DACCON_B
13
BIOZ_EXBUFEN_x
Enable excitation buffer. Enable excitation buffer to drive the
resistance under measurement.
0x0
R/W
0x02E7 BIOZ_DACCON_C
0: disable.
0x0307 BIOZ_DACCON_D
1: enable.
0x0327 BIOZ_DACCON_E
[12:10]
BIOZ_DACBUFBW_x
DAC reconstruction filter power consumption tuning.
0x4
R/W
0x0347 BIOZ_DACCON_F
001: 30 μA.
010: 40 μA.
100: 111 μA.
9
BIOZ_BW250KEN_x
Reconstruction filter cutoff frequency of 250 kHz.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com