Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 88 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 88 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 81Page - Analog Devices ADPD6000 Datasheet HTML 82Page - Analog Devices ADPD6000 Datasheet HTML 83Page - Analog Devices ADPD6000 Datasheet HTML 84Page - Analog Devices ADPD6000 Datasheet HTML 85Page - Analog Devices ADPD6000 Datasheet HTML 86Page - Analog Devices ADPD6000 Datasheet HTML 87Page - Analog Devices ADPD6000 Datasheet HTML 88Page - Analog Devices ADPD6000 Datasheet HTML 89Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 88 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 88 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
0x034E BIOZ_DFTCON_F
0: disable.
1: enable.
[3:0]
BIOZ_DFTNUM_x
ADC samples used. DFT number can be four up to 8192.
0x9
R/W
0000: DFT point number is four.
0001: DFT point number is eight.
0010: DFT point number is 16.
0011: DFT point number is 32.
0100: DFT point number is 64.
0101: DFT point number is 128.
0110: DFT point number is 256.
0111: DFT point number is 512.
1000: DFT point number is 1024.
1001: DFT point number is 2048.
1010: DFT point number is 4096.
1011: DFT point number is 8192.
0x02AF BIOZ_ADC_CONV_DLY_A
[15:3]
RESERVED
Reserved.
0x0
R
0x02CF BIOZ_ADC_CONV_DLY_B
[2:0]
BIOZ_ADC_CONV_DLY_x
Delay between ADC enable and SINC3 enable. Default value is
~25 μs.
0x0
R/W
0x02EF BIOZ_ADC_CONV_DLY_C
000: 25 μs.
0x030F BIOZ_ADC_CONV_DLY_D
001: 50 μs.
0x032F BIOZ_ADC_CONV_DLY_E
010: 100 μs.
0x034F BIOZ_ADC_CONV_DLY_F
011: 200 μs.
100: 400 μs.
101: 800 μs.
110: 1.6 ms.
111: 3.2 ms.
0x02B0 BIOZ_DFTPHASE_LOW_A
[15:0]
BIOZ_DFT_PHASE_OFFSET_L_
x
DFT_PHASE_OFFSET, Bits[19:0] = Phase (degree)/360 × 220.
For example, to get 45° phase offset, DFTOFFSET, Bits[19:0] =
45/360 × 220.
0x0
R/W
0x02D0 BIOZ_DFTPHASE_LOW_B
0x02F0 BIOZ_DFTPHASE_LOW_C
0x0310 BIOZ_DFTPHASE_LOW_D
0x0330 BIOZ_DFTPHASE_LOW_E
0x0350 BIOZ_DFTPHASE_LOW_F
0x02B1 BIOZ_DFTPHASE_HI_A
[15:4]
RESERVED
Reserved.
0x0
R
0x02D1 BIOZ_DFTPHASE_HI_B
[3:0]
BIOZ_DFT_PHASE_OFFSET_H_
x
DFT_PHASE_OFFSET, Bits[19:0] = Phase (degree)/360 × 220.
For example, to get 45° phase offset, DFTOFFSET, Bits[19:0] =
45/360 × 220.
0x0
R/W
0x02F1 BIOZ_DFTPHASE_HI_C
0x0311 BIOZ_DFTPHASE_HI_D
0x0331 BIOZ_DFTPHASE_HI_E
0x0351 BIOZ_DFTPHASE_HI_F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com