Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 8Page - Analog Devices ADPD6000 Datasheet HTML 9Page - Analog Devices ADPD6000 Datasheet HTML 10Page - Analog Devices ADPD6000 Datasheet HTML 11Page - Analog Devices ADPD6000 Datasheet HTML 12Page - Analog Devices ADPD6000 Datasheet HTML 13Page - Analog Devices ADPD6000 Datasheet HTML 14Page - Analog Devices ADPD6000 Datasheet HTML 15Page - Analog Devices ADPD6000 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 89 page
background image
Data Sheet
ADPD6000
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 12 of 89
DVDD = AVDD = 1.8 V, AVDD3 = 3.3 V, LGND = DGND = AGND = IOGND = 0 V, and TA = 25°C, unless otherwise noted.
Figure 4. SNR vs. Photodiode (PD) Current, Number of Sequence Repeats =
1, TIA Gain = 100 kΩ
Figure 5. SNR vs. PD Current, LED Width = 24 μs, Number of Sequence
Repeats = 1
Figure 6. SNR vs. PD Current, LED Width = 24 μs, TIA Gain = 100 kΩ
Figure 7. Referred to Input Noise vs. Number of Sequence Repeats
Figure 8. LED Driver Current vs. LED1A Driver Compliance, High SNR Mode
Figure 9. LED Driver Current vs. LED1A Driver Compliance, Low Compliance
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com