Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 72 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 68Page - Analog Devices ADPD6000 Datasheet HTML 69Page - Analog Devices ADPD6000 Datasheet HTML 70Page - Analog Devices ADPD6000 Datasheet HTML 71Page - Analog Devices ADPD6000 Datasheet HTML 72Page - Analog Devices ADPD6000 Datasheet HTML 73Page - Analog Devices ADPD6000 Datasheet HTML 74Page - Analog Devices ADPD6000 Datasheet HTML 75Page - Analog Devices ADPD6000 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 72 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
00: use GPIO0 for external sync (default).
01: use GPIO1 for external sync.
10: use GPIO2 for external sync.
0x002F FIFO_DATA
[15:0]
FIFO_DATA
FIFO data port.
0x0
R
0x0046 ADC_CONTROL
[15:14]
RESERVED
Reserved.
0x0
R
13
ECG_ADC_CTRL
Must write 1.
0x1
R/W
[12:3]
RESERVED
Reserved.
0x0
R
2
PPG_ADC_CTRL1
Must write 1.
0x1
R/W
[1:0]
PPG_ADC_CTRL2
Set to 0x0 when PPG is enabled for better ambient rejection.
0x3
R/W
0x004C GLOBAL_BIAS_CONTROL
[15]
RESERVED
Reserved.
0x0
R
14
TIA_DETECT_CTRL
Must write 1.
0x1
R/W
[13:4]
RESERVED
Reserved.
0x0
R
[3:0]
GLOBAL_BIAS_TRIM
Set to 0xB for lower global current bias.
0x0
R/W
0x0057 IO_ADJUST
[15:7]
RESERVED
Reserved.
0x0
R
6
LOW_IOVDD_EN
Set to 0x0 if IOVDD of 3 V or higher is used. Default value of
0x1 is used for IOVDD lower than 3 V, because the typical value
of IOVDD is 1.8 V.
0x1
R/W
[5:4]
RESERVED
Reserved.
0x1
R/W
[3:2]
SPI_SLEW
Slew control for SPI pins.
0x0
R/W
00: slowest.
01: slow.
10: fastest.
11: fast.
[1:0]
SPI_DRV
Drive control for SPI pins.
0x0
R/W
00: medium.
01: weak.
10: strong.
11: strong.
0x005B PPG_TIA_CONTROL
[15:12]
RESERVED
Reserved.
0x0
R
[11:10]
TIA_DETECT_CTRL
Set to 0x3 when PPG is enabled for better ambient rejection.
0x0
R/W
[9:7]
RESERVED
Reserved.
0x0
R
[6:0]
TIA_MODE
Must write 0x20.
0x20
R/W
0x0074 ECG_ACLO_CONTROL
[15:11]
RESERVED
Reserved.
0x0
R
[10:0]
ECG_ACLO_LPF_COEF
Set to 0x28 when ECG is enabled.
0x50
R/W
0x0077 ECG_PGA_CONTROL
[15:9]
RESERVED
Reserved.
0x0
R
8
ECG_PGA_CTRL
Set to 0x1 when ECG is enabled for power optimization.
0x0
R/W
[7:0]
RESERVED
Reserved.
0x0
R
0x0078 ECG_INPUT_CONTROL
15
ECG_INPUT_BUF_EN
Set to 0x1 to enable the ECG input buffer.
0x0
R/W
[14:12]
RESERVED
Reserved.
0x0
R
11
ECG_INPUT_BUF_CTRL
Set to 0x1 when ECG input buffer is enabled.
0x0
R/W
[10:0]
RESERVED
Reserved.
0x0
R
0x0100 ECG_ANA_CTRL
[15:11]
RESERVED
Reserved.
0x0
R
10
ECG_INP_CONNECT
ECG input connection. Set 1 to connect the ECG inputs.
0x1
R/W
9
ECG_SHORT
ECG short switches. When set 1, the ECG_SHORT bits
internally short the inputs of ECG. The feature can be used
for ECG noise measurements.
0x0
R/W
8
ECG_CHAN_RESOLUTION
Select ECG channel resolution.
0x0
R
0: 288 nV/LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com