Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 78 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 74Page - Analog Devices ADPD6000 Datasheet HTML 75Page - Analog Devices ADPD6000 Datasheet HTML 76Page - Analog Devices ADPD6000 Datasheet HTML 77Page - Analog Devices ADPD6000 Datasheet HTML 78Page - Analog Devices ADPD6000 Datasheet HTML 79Page - Analog Devices ADPD6000 Datasheet HTML 80Page - Analog Devices ADPD6000 Datasheet HTML 81Page - Analog Devices ADPD6000 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 78 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
0x0285 AFE_TRIM2_L
0x0126 AFE_DAC1_A
[15:7]
DAC_AMBIENT_CH1_x
Channel 1 ambient cancellation DAC code from 0 μA to 300 μA
with 0.6 μA/LSB step.
0x0
R/W
0x0146 AFE_DAC1_B
[6:0]
DAC_LED_DC_CH1_x
Channel 1 LED dc offset cancellation DAC code from 0 μA to
190 μA with 1.5 μA/LSB step. Set to 0 to disable.
0x0
R/W
0x0166 AFE_DAC1_C
0x0186 AFE_DAC1_D
0x01A6 AFE_DAC1_E
0x01C6 AFE_DAC1_F
0x01E6 AFE_DAC1_G
0x0206 AFE_DAC1_H
0x0226 AFE_DAC1_I
0x0246 AFE_DAC1_J
0x0266 AFE_DAC1_K
0x0286 AFE_DAC1_L
0x0127 AFE_DAC2_A
[15:7]
DAC_AMBIENT_CH2_x
Channel 2 ambient cancellation DAC code from 0 μA to 300 μA
with 0.6 μA/LSB step.
0x0
R/W
0x0147 AFE_DAC2_B
[6:0]
DAC_LED_DC_CH2_x
Channel 2 LED dc offset cancellation DAC code from 0 μA to
190 μA with 1.5 μA/LSB step. Set to 0 to disable.
0x0
R/W
0x0167 AFE_DAC2_C
0x0187 AFE_DAC2_D
0x01A7 AFE_DAC2_E
0x01C7 AFE_DAC2_F
0x01E7 AFE_DAC2_G
0x0207 AFE_DAC2_H
0x0227 AFE_DAC2_I
0x0247 AFE_DAC2_J
0x0267 AFE_DAC2_L
0x0287 AFE_DAC2_L
0x0128 LED_POW12_A
15
LED_DRIVESIDE2_x
LED output select for LED2x.
0x0
R/W
0x0148 LED_POW12_B
0: drive LED on Output LED2A.
0x0168 LED_POW12_C
1: drive LED on Output LED2B.
0x0188 LED_POW12_D
[14:8]
LED_CURRENT2_x
LED current setting for LED2A or LED2B output. Set to 0 to
disable. Output current varies monotonically from 1.57 mA to
200 mA for values between 0x01 and 0x7F.
0x0
R/W
0x01A8 LED_POW12_E
7
LED_DRIVESIDE1_x
LED output select for LED1x.
0x0
R/W
0x01C8 LED_POW12_F
0: drive LED on Output LED1A.
0x01E8 LED_POW12_G
1: drive LED on Output LED2B.
0x0208 LED_POW12_H
[6:0]
LED_CURRENT1_x
LED current setting for LED1A or LED1B output. Set to 0 to
disable. Output current varies monotonically from 1.57 mA to
200 mA for values between 0x01 and 0x7F.
0x0
R/W
0x0228 LED_POW12_I
0x0248 LED_POW12_J
0x0268 LED_POW12_K
0x0288 LED_POW12_L
0x0129 LED_MODE_A
[15:2]
RESERVED
Reserved.
0x0
R
0x0149 LED_MODE_B
1
LED_MODE2_x
Choose the operation mode of LED2x.
0x0
R/W
0x0169 LED_MODE_C
0: high SNR mode.
0x0189 LED_MODE_D
1: low compliance mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com