Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 83 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 79Page - Analog Devices ADPD6000 Datasheet HTML 80Page - Analog Devices ADPD6000 Datasheet HTML 81Page - Analog Devices ADPD6000 Datasheet HTML 82Page - Analog Devices ADPD6000 Datasheet HTML 83Page - Analog Devices ADPD6000 Datasheet HTML 84Page - Analog Devices ADPD6000 Datasheet HTML 85Page - Analog Devices ADPD6000 Datasheet HTML 86Page - Analog Devices ADPD6000 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 83 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
0x01B8 DIGINT_LIT_E
0x01D8 DIGINT_LIT_F
0x01F8 DIGINT_LIT_G
0x0218 DIGINT_LIT_H
0x0238 DIGINT_LIT_I
0x0258 DIGINT_LIT_J
0x0278 DIGINT_LIT_K
0x0298 DIGINT_LIT_L
0x0139 DIGINT_DARK_A
[15:7]
DARK2_OFFSET_x
Acquisition window Dark Offset 2 for Time Slot x.
0x1
R/W
0x0159 DIGINT_DARK_B
[6:0]
DARK1_OFFSET_x
Acquisition window Dark Offset 1 for Time Slot x.
0x6
R/W
0x0179 DIGINT_DARK_C
0x0199 DIGINT_DARK_D
0x01B9 DIGINT_DARK_E
0x01D9 DIGINT_DARK_F
0x01F9 DIGINT_DARK_G
0x0219 DIGINT_DARK_H
0x0239 DIGINT_DARK_I
0x0259 DIGINT_DARK_J
0x0279 DIGINT_DARK_K
0x0299 DIGINT_DARK_L
0x02A0 BIOZ_AFECON_A
[15:12]
RESERVED
Reserved.
0x0
R
0x02C0 BIOZ_AFECON_B
[11:2]
BIOZ_TIMESLOT_OFFSET_x
BIOZ Time Slot X offset in 64 × 960 kHz or 64 × (external 960
kHz) cycles.
0x0
R/W
0x02E0 BIOZ_AFECON_C
1
BIOZ_TIAEN_x
High power TIA enable. Enable high power TIA.
0x0
R/W
0x0300 BIOZ_AFECON_D
0
BIOZ_DACREFEN_x
DAC reference enable.
0x0
R/W
0x0320 BIOZ_AFECON_E
0: disable DAC reference block.
0x0340 BIOZ_AFECON_F
1: enable DAC reference block.
0x02A1 BIOZ_WGFCW_LOW_A
[15:0]
BIOZ_SINEFCW_L_x
Sinusoid generator frequency control word. BIOZ_SI-
NEFCW_H_x and BIOZ_SINEFCW_L_x
constitute BIOZ_SINEFCW_x_x, Bits[19:0]. BIOZ_SI-
NEFCW_x_x, Bits[19:0] = 226 × F/32e6, where F is frequency
value (Hz) of sinusoid. To get an accurate DFT result and avoid
spectral leakage, use F/(DFT_FS/N) as an integer (N is the
number of DFT input data, and DFT_FS is DFT input data rate).
DFT_FS can be different due to different input data sources.
0x0
R/W
0x02C1 BIOZ_WGFCW_LOW_B
0x02E1 BIOZ_WGFCW_LOW_C
0x0301 BIOZ_WGFCW_LOW_D
0x0321 BIOZ_WGFCW_LOW_E
0x0341 BIOZ_WGFCW_LOW_F
0x02A2 BIOZ_WGFCW_HI_A
[15:4]
RESERVED
Reserved.
0x0
R
0x02C2 BIOZ_WGFCW_HI_B
[3:0]
BIOZ_SINEFCW_H_x
Sinusoid generator frequency control word.
BIOZ_SINEFCW_H_x and BIOZ_SINEFCW_L_x constitute
BIOZ_SINEFCW_x_x, Bits[19:0]. BIOZ_SINEFCW_x_x,
Bits[19:0] = 226 × F/32e6, where F is the frequency value (Hz)
of sinusoid. To get an accurate DFT result and avoid spectral
leakage, use F/(DFT_FS/N) as an integer (N is the number
of DFT input data, and DFT_FS is the DFT input data rate).
DFT_FS can be different due to different input data sources.
0x0
R/W
0x02E2 BIOZ_WGFCW_HI_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com