Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 36 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 32Page - Analog Devices ADPD6000 Datasheet HTML 33Page - Analog Devices ADPD6000 Datasheet HTML 34Page - Analog Devices ADPD6000 Datasheet HTML 35Page - Analog Devices ADPD6000 Datasheet HTML 36Page - Analog Devices ADPD6000 Datasheet HTML 37Page - Analog Devices ADPD6000 Datasheet HTML 38Page - Analog Devices ADPD6000 Datasheet HTML 39Page - Analog Devices ADPD6000 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 89 page
background image
Data Sheet
ADPD6000
REGISTER SUMMARY
analog.com
Rev. 0 | 36 of 89
Table 20. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x0000
FIFO_STATUS [15:8]
CLEAR_FIF
O
INT_FIFO_
UFLOW
INT_FIFO_
OFLOW
INT_FIFO_
TH
FIFO_INIT_
DONE_STA
TUS
FIFO_BYTE_COUNT[10:8]
0x0000 R/W
[7:0]
FIFO_BYTE_COUNT [7:0]
0x0004
ECG_STATUS [15:8]
RESERVED
0x00FC R/W
[7:0]
ECG_ACLO
_STATUS
ECGIN_DC
LO_HI_STA
TUS
ECGIP_DC
LO_HI_STA
TUS
ECG_RLD_
DCLO_HI_
STATUS
ECG_RLD_
DCLO_LO_
STATUS
ECG_DCL
O_STATUS
ECG_PGA_
SAT_STAT
US
ECG_ADC_
SAT_STAT
US
0x0005
GLOBAL_STA
TUS
[15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
INVALID_C
FG_STATU
S
0x0006
FIFO_TH
[15:8]
RESERVED
FIFO_TH[9:8]
0x0000 R/W
[7:0]
FIFO_TH[7:0]
0x007
INT_ACLEAR
[15:8]
INT_ACLEA
R_FIFO
RESERVED
0x8000 R/W
[7:0]
RESERVED
0x0008
CHIP_ID
[15:8]
VERSION
0x00C4 R
[7:0]
CHIP_ID
0x0009
OSC32M
[15:8]
RESERVED
0x0080 R/W
[7:0]
OSC_32M_FREQ_ADJ
0x000A
OSC32M_CAL [15:8]
OSC_32M_
CAL_STAR
T
OSC_32M_CAL_COUNT[14:8]
0x0000 R/W
[7:0]
OSC_32M_CAL_COUNT[7:0]
0x000B
OSC960K
[15:8]
CAPTURE_
TIMESTAM
P
RESERVED
OSC_CAL_
ENABLE
OSC_960K_FREQ_ADJ[9
:8]
0x02B2 R/W
[7:0]
OSC_960K_FREQ_ADJ[7:0]
0x000D
TS_FREQ
[15:8]
TIMESLOT_PERIOD_L[15:8]
0x2580 R/W
[7:0]
TIMESLOT_PERIOD_L[7:0]
0x000E
TS_FREQH
[15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVE
D
TIMESLOT_PERIOD_H
0x000F
SYS_CTL
[15:8]
SW_RESE
T
RESERVED
ALT_CLOCKS
0x0000 R/W
[7:0]
ALT_CLK_GPIO
RESERVE
D
RESERVE
D
RESERVE
D
TM_CLK_G
PIO_SEL
OSC_960K
_EN
RESERVE
D
0x0010
OPMODE
[15:8]
ECG_TIME
SLOT_EN
BIOZ_TIMESLOT_EN
PPG_TIMESLOT_EN
0x0000 R/W
[7:0]
RESERVED
OP_MODE
0x0011
STAMP_L
[15:8]
TIMESTAMP_COUNT_L[15:8]
0x0000 R
[7:0]
TIMESTAMP_COUNT_L[7:0]
0x0012
STAMP_H
[15:8]
TIMESTAMP_COUNT_H[15:8]
0x0000 R
[7:0]
TIMESTAMP_COUNT_H[7:0]
0x0013
STAMPDELTA [15:8]
TIMESTAMP_SLOT_DELTA[15:8]
0x0000 R
[7:0]
TIMESTAMP_SLOT_DELTA[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com