Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 42 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 38Page - Analog Devices ADPD6000 Datasheet HTML 39Page - Analog Devices ADPD6000 Datasheet HTML 40Page - Analog Devices ADPD6000 Datasheet HTML 41Page - Analog Devices ADPD6000 Datasheet HTML 42Page - Analog Devices ADPD6000 Datasheet HTML 43Page - Analog Devices ADPD6000 Datasheet HTML 44Page - Analog Devices ADPD6000 Datasheet HTML 45Page - Analog Devices ADPD6000 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 89 page
background image
Data Sheet
ADPD6000
REGISTER SUMMARY
analog.com
Rev. 0 | 42 of 89
Table 20. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
[7:0]
DAC_AMBI
ENT_CH1_
C[0]
DAC_LED_DC_CH1_C
0x0167
AFE_DAC2_C [15:8]
DAC_AMBIENT_CH2_C[8:1]
0x0000 R/W
[7:0]
DAC_AMBI
ENT_CH2_
C[0]
DAC_LED_DC_CH2_C
0x0168
LED_POW12_
C
[15:8]
LED_DRIV
ESIDE2_C
LED_CURRENT2_C
0x0000 R/W
[7:0]
LED_DRIV
ESIDE1_C
LED_CURRENT1_C
0x0169
LED_MODE_C [15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
LED_MOD
E2_C
LED_MOD
E1_C
0x016A
COUNTS_C
[15:8]
NUM_INT_C
0x0101 R/W
[7:0]
NUM_REPEAT_C
0x016B
PERIOD_C
[15:8]
RESERVE
D
RESERVE
D
MOD_TYPE_C
RESERVED
MIN_PERIOD_C[9:8]
0x0000 R/W
[7:0]
MIN_PERIOD_C[7:0]
0x016C
LED_PULSE1
_C
[15:8]
LED_WIDTH_C
0x0210 R/W
[7:0]
LED_OFFSET_C
0x016D
LED_PULSE2
_C
[15:8]
RESERVED
0x0013 R/W
[7:0]
LED_SECOND_OFFSET_C
0x016E
INTEG_WIDTH
_C
[15:8]
SINGLE_IN
TEG_C
RESERVED
CH2_AMP_DISABLE_C
RESERVED
CH1_AMP_
DISABLE_
C[1]
0x0003 R/W
[7:0]
CH1_AMP_
DISABLE_
C[0]
ADC_COUNT_C
INTEG_WIDTH_C
0x016F
INTEG_OFFS
ET_C
[15:8]
RESERVED
INTEG_OFFSET_C[7:3]
0x01A0 R/W
[7:0]
INTEG_OFFSET_C[2:0]
INTEG_FINE_OFFSET_C
0x0170
MOD_PULSE_
C
[15:8]
MOD_WIDTH_C
0x0001 R/W
[7:0]
MOD_OFFSET_C
0x0171
PATTERN1_C
[15:8]
LED_DISABLE_C
MOD_DISABLE_C
0x0000 R/W
[7:0]
SUBTRACT_C
REVERSE_INTEG_C
0x0173
ADC_OFF1_C [15:8]
RESERVED
CH1_ADC_ADJUST_C[13:8]
0x0000 R/W
[7:0]
CH1_ADC_ADJUST_C[7:0]
0x0174
ADC_OFF2_C [15:8]
RESERVED
CH2_ADC_ADJUST_C[13:8]
0x0000 R/W
[7:0]
CH2_ADC_ADJUST_C[7:0]
0x0175
DATA1_C
[15:8]
DARK_SHIFT_C
DARK_SIZE_C
0x0003 R/W
[7:0]
SIGNAL_SHIFT_C
SIGNAL_SIZE_C
0x0176
DATA2_C
[15:8]
RESERVED
0x0000 R/W
[7:0]
LIT_SHIFT_C
LIT_SIZE_C
0x0177
DECIMATE_C [15:8]
RESERVED
DECIMATE_FACTOR_C[6:4]
0x0000 R/W
[7:0]
DECIMATE_FACTOR_C[3:0]
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com