Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 35 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 31Page - Analog Devices ADPD6000 Datasheet HTML 32Page - Analog Devices ADPD6000 Datasheet HTML 33Page - Analog Devices ADPD6000 Datasheet HTML 34Page - Analog Devices ADPD6000 Datasheet HTML 35Page - Analog Devices ADPD6000 Datasheet HTML 36Page - Analog Devices ADPD6000 Datasheet HTML 37Page - Analog Devices ADPD6000 Datasheet HTML 38Page - Analog Devices ADPD6000 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 89 page
background image
Data Sheet
ADPD6000
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 35 of 89
02E1 99A2 #sinewave frequency is 50kHz
02EB 5610 #switch connection to measure exter►
nal Rdut voltage
02ED 0004 #bypass the SINC filter
02EE 0008 #DFT number is 1024
# BIOZ Time slot D configure #
0300 0003 #tia/dacref enable
0307 320D #exbuf enable
030A 2E30 #amp/pag enable
0302 0001 #sinewave frequency is 50kHz
0301 99A2 #sinewave frequency is 50kHz
030B 4210 #switch connection to measure exter►
nal Rdut current
030D 0004 #bypass the SINC filter
030E 0008 #DFT number is 1024
0010 C201 # enable BIOZ timeslot ABCD, PPG
timeslot AB and ECG, go
## Interrupt mapping of fifo_th
0014 8000 # FIFO_th to INX
0022 0003 # GPIO0 output invert
0023 0002 # gpio0 int x
0010 C201 # operation mode set to GO
Power-Up Sequencing
Note that the power supplies need to be on and off simultaneously.
FIFO Data Structure
Table 19 shows the data structure in the FIFO for the recommended
multimodal measurement configuration. There are 52 bytes for
every data pattern.
Table 19. Data Structure in FIFO
Byte Order in FIFO
Description
Byte 0 to Byte 19
ECG data: 20 bytes
Byte 20 to Byte 23
PPG_A data: 4 bytes
Byte 24 to Byte 27
PPG_B data: 4 bytes
Byte 28 to Byte 33
BIOZ_A data: 6 bytes
Byte 34 to Byte 39
BIOZ_B data: 6 bytes
Byte 40 to Byte 45
BIOZ_C data: 6 bytes
Byte 46 to Byte 51
BIOZ_D data: 6 bytes
DESIGN GUIDE
The ADPD6000 is a multimodal, vital sign monitoring AFE. The
performance of the device can be adversely impacted by the PCB
layout, especially for the analog input interfaces.
Power Rails
For the power supply, decouple the AVDD, AVDD3, DVDD, and
IOVDD pins with a 0.1 μF or larger ceramic chip capacitor to the
PCB ground plane placed near the power pins. It is recommended
that all decoupling capacitors use individual vias to the PCB ground
plane to avoid mutual impedance coupling between decoupled
supplies when sharing vias.
Optical Channel
For the PPG channel, decouple the VREF1 pin and VREF2 pin to
the PCB ground plane with a 1.0 μF ceramic capacitor. The voltage
on the VREF1 pin and VREF2 pin is nominally 1.2 V. Therefore,
a 6.3 V rated ceramic capacitor is adequate for this purpose. The
most critical aspect of the PCB layout of the ADPD6000 is the
handling of the IN1, IN2, IN3, and IN4 nodes. Because photodiode
input is sensitive to noise, and any parasitic capacitive coupling to
the pin can result in additional noise, it is recommended that the
photodiode input trace in the layout be as short as possible and
fully guarded by the ground plane.
For example, as a 6-layer stack design, the chip is placed in the top
layer with optical components in the bottom layer. Therefore, it is
recommended that the IN1, IN2, IN3, and IN4 trace length in the top
is short to avoid parasitic effects. In the bottom layer, the IN1, IN2,
IN3, and IN4 traces and the photodiode anode are fully guarded
with the ground shape and trace. VC1, VC2, and the photodiode
cathode are also guarded with the ground plane. Layer 5 is filled
with a ground plane for reference. Keep the analog input signals
away from other digital or noisy signals.
ECG Channel
For the ECG channel, both traces of ECGIP and ECGIN must
match to achieve high CMRR performance. Use a differential pair
layout for ECGIP and ECGIN and shorten the length of the traces.
BIA Channel
For the BIA channel, minimize the length of the PCB trace for
RCALP and RCALN because the RCALP and RCALN value is
critical for the BIOZ measurement accuracy. The resistance of
the PCB trace is designed to guarantee that the accuracy of the
RCALP and RCALN resistance is 0.1%, even including the PCB
wire resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com