Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 87 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 81Page - Analog Devices ADPD6000 Datasheet HTML 82Page - Analog Devices ADPD6000 Datasheet HTML 83Page - Analog Devices ADPD6000 Datasheet HTML 84Page - Analog Devices ADPD6000 Datasheet HTML 85Page - Analog Devices ADPD6000 Datasheet HTML 86Page - Analog Devices ADPD6000 Datasheet HTML 87Page - Analog Devices ADPD6000 Datasheet HTML 88Page - Analog Devices ADPD6000 Datasheet HTML 89Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 87 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 87 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
0010: connect TIA input to IMPIN.
0100: connect TIA input to EXCP.
1000: connect TIA input to EXCN.
[5:2]
BIOZ_DSW_x
Switch mux for excitation buffer output.
0x0
R/W
0001: connect excitation buffer output to IMPIP.
0010: connect excitation buffer output to IMPIN.
0100: connect excitation buffer output to EXCP.
1000: connect excitation buffer output to EXCN.
1
BIOZ_TRSW_x
T switch in mux for RCALx.
0x0
R/W
0: disconnect RCALx to HPTIA.
1: connect RCALx to HPTIA.
0
BIOZ_DRSW_x
D switch in mux for RCALx.
0x0
R/W
0: disconnect RCALx to excitation buffer.
1: connect RCALx to excitation buffer.
0x02AC BIOZ_ANA_CTRL3_A
[15:2]
RESERVED
Reserved.
0x0
R
0x02CC BIOZ_ANA_CTRL3_B
[1:0]
BIOZ_RINT_SW_x
Support internal calibration resistor. Set to 0x11 to enable the
internal calibration resolution.
0x0
R/W
0x02EC BIOZ_ANA_CTRL3_C
00: floating internal calibration resistance.
0x030C BIOZ_ANA_CTRL3_D
11: connect internal calibration resistance to excitation buffer
and HPTIA.
0x032C BIOZ_ANA_CTRL3_E
0x034C BIOZ_ANA_CTRL3_F
0x02AD BIOZ_ADCFILTERCON_A
[15:6]
RESERVED
Reserved.
0x0
R
0x02CD BIOZ_ADCFILTERCON_B
[5:4]
BIOZ_AVRGNUM_x
Sets number of samples used by the averaging function.
0x0
R/W
0x02ED BIOZ_ADCFILTERCON_C
00: Two ADC samples.
0x030D BIOZ_ADCFILTERCON_D
01: Four ADC samples. The number of input data for one
average is four.
0x032D BIOZ_ADCFILTERCON_E
10: Eight ADC samples. The number of input data for one
average is eight.
0x034D BIOZ_ADCFILTERCON_F
11: 16 ADC samples. The number of input data for one average
is 16.
3
BIOZ_AVRGEN_x
Average function enable. Enable average operation of SINC3
filter output
0x0
R/W
0: disable. SINC3 filter result fed to the next stage directly.
1: enable. Averaged result fed to the next stage.
2
BIOZ_SINC3BYP_x
Bypass SINC3 filter.
0x0
R/W
0: enable SINC3 filter.
1: bypass SINC3 filter.
[1:0]
BIOZ_SINC3OSR_x
SINC3 filter oversampling rate.
0x0
R/W
00: oversampling rate of five.
01: oversampling rate of four.
10: oversampling rate of two.
11: oversampling rate of five.
0x02AE BIOZ_DFTCON_A
[15:6]
RESERVED
Reserved.
0x0
R
0x02CE BIOZ_DFTCON_B
5
BIOZ_WG_DFT_DIFF_PHASE_E
N_x
Wave generator block sine wave and DFT block sine wave use a
different offset.
0x0
R/W
0x02EE BIOZ_DFTCON_C
0: use the same offset.
0x030E BIOZ_DFTCON_D
1: use the different offset.
0x032E BIOZ_DFTCON_E
4
BIOZ_HANNINGEN_x
Enable Hanning window.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com