Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 25 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 21Page - Analog Devices ADPD6000 Datasheet HTML 22Page - Analog Devices ADPD6000 Datasheet HTML 23Page - Analog Devices ADPD6000 Datasheet HTML 24Page - Analog Devices ADPD6000 Datasheet HTML 25Page - Analog Devices ADPD6000 Datasheet HTML 26Page - Analog Devices ADPD6000 Datasheet HTML 27Page - Analog Devices ADPD6000 Datasheet HTML 28Page - Analog Devices ADPD6000 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 89 page
background image
Data Sheet
ADPD6000
THEORY OF OPERATION
analog.com
Rev. 0 | 25 of 89
FIFO_TH register. The INT_FIFO_TH bit is cleared automatically
when a FIFO read reduces the number of bytes below the value in
the FIFO_TH register, which allows the user to set an appropriate
data size for their host needs.
The INT_FIFO_TH bit does not trigger if the FIFO byte count
exceeds the threshold in the middle of any write of complete data.
Instead, the INT_FIFO_TH bit is set at the next write to the FIFO.
For example, if only PPG TSA is running, it only writes 4-byte lit
data to the FIFO. Figure 37 shows the data in the FIFO.
Figure 37. FIFO Threshold Interrupt Example
If the threshold is set as 4, the interrupt triggers at the beginning of
the second TSA data write to the FIFO. If the threshold is set as 5,
6, or 7, the INT_FIFO_TH bit does not trigger until the write of the
third TSA data. This method can help prevent any partial data read
from the FIFO.
Clearing Interrupt Status Bits
All status bits are set regardless of whether the status bit is routed
to one of the interrupt outputs, Interrupt X or Interrupt Y. The status
bits are independent of the interrupt enable bits. The status bits are
always set by the corresponding event. The interrupt bits stay set
until they are either manually or automatically cleared.
The user can manually clear a given interrupt by writing a 1 to
the matching interrupt status bit. In addition, the data interrupt
status bits can be configured to clear automatically. When the
INT_ACLEAR_FIFO bit is set, the appropriate interrupt status bit
is automatically cleared when any matching FIFO register is read.
Automatic clearing of the interrupt status bits removes the need to
manually clear these interrupts.
Optional Status Bytes
There is an option to append each data packet with status bits. This
option is useful for hosts that cannot spare an interrupt channel
to service. The status bytes can each be individually selected
in the FIFO_STATUS_BYTES register. Each bit in the FIFO_ STA-
TUS_BYTES register enables a status byte that is appended to the
data packet in the FIFO. If any bit in the FIFO_STATUS_ BYTES
register is set to 1, the byte that is appended to the data packet
contains the status bits.
The 4-bit sequence number cycles from 0 to 15 and is incremented
with a wraparound every time the time slot sequence completes.
This sequence number can also be made available bitwise on the
GPIOx pins.
Interrupt Outputs, Interrupt X and Interrupt Y
The ADPD6000 supports two separate interrupt outputs, Interrupt X
and Interrupt Y. Each interrupt has the option to be driven to any
of the four GPIOx pins. The two different interrupt outputs can be
generated for a host processor if desired. For example, the FIFO
threshold interrupt, INT_FIFO_TH, can be routed to Interrupt X and
used to drive the direct memory access (DMA) channel of the host,
while the INT_FIFO_OFLOW and INT_FIFO_UFLOW interrupts
can be routed to Interrupt Y and used to drive an additional host
interrupt pin.
For each interrupt, there is an associated Interrupt X and Interrupt
Y enable bit. See Table 1 for a full list of available interrupts that
can be brought out on Interrupt X and Interrupt Y. The logic for the
Interrupt X and Interrupt Y function is a logic AND of the status
bit with its matching enable bit. All enabled status bits are then
logically OR’ed to create the interrupt function. The enable bits do
not affect the status bits.
General-Purpose I/Os
The ADPD6000 provides three general-purpose I/O pins: GPIO0,
GPIO1, and GPIO2. These GPIOs can be used as previously
described in the Interrupt Outputs, Interrupt X and Interrupt Y
section for interrupt outputs or for providing external clock signals to
the device. The GPIOs can also be used for many different control
signals, as synchronization controls to external devices, as well as
test signals that are useful during system debugging. All of the
available signals that can be brought out on a GPIOx pin are listed
in Table 1.
IOVDD Supply Voltage Consideration
The ADPD6000 can operate with IOVDD as low as 1.7 V and as
high as 3.6 V. LOW_IOVDD_EN in Register 0x0057 is set to 0x1 for
IOVDD lower than 3 V. 0x1 is the default value for this bit because
the typical IOVDD value is 1.8 V.
If 3 V or higher is supplied for IOVDD, the LOW_IOVDD_EN bit
must be set to 0x0 for proper operation.
SPI
The ADPD6000 contains an SPI port that operates synchronously
with its input clocks.
The ADPD6000 has an internal power-on reset circuit that sets the
device into a known idle state during the initial power-up. After the
power-on reset is released, approximately 2 µs to 6 μs after the
DVDD supply is active, there is an initialization state that sets the
register default values. This initialization state lasts approximately
15 µs to 20 µs. The device can then be read and written through
the SPI.
The registers are accessed using addresses within a 15-bit address
space. Each address references a 15-bit register with one address
reserved for the FIFO read accesses. For SPIs, reads and writes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com