Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 14Page - Analog Devices ADPD6000 Datasheet HTML 15Page - Analog Devices ADPD6000 Datasheet HTML 16Page - Analog Devices ADPD6000 Datasheet HTML 17Page - Analog Devices ADPD6000 Datasheet HTML 18Page - Analog Devices ADPD6000 Datasheet HTML 19Page - Analog Devices ADPD6000 Datasheet HTML 20Page - Analog Devices ADPD6000 Datasheet HTML 21Page - Analog Devices ADPD6000 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 89 page
background image
Data Sheet
ADPD6000
THEORY OF OPERATION
analog.com
Rev. 0 | 18 of 89
PPG channel can start normal operation–for example, if in digital
integration mode, the PPG receiver channel can start to take dark
samples. This ambient baseline is used in the time slot if coarse
tuning only mode is enabled.
If coarse and fine tuning loop mode is enabled, the coarse tuning
circuit works the same way as in coarse tuning mode. However, the
ambient DAC code updates after each dark sample measurement.
Select these two modes with the AMBIENT_CANCELLATION_x
bits for system level design flexibility.
Coarse loop mode makes the measurement to find the accurate
value of the ambient current. Then, the ambient DAC subtracts the
ambient current at the beginning of the signal chain so that it does
not corrupt the PPG signal measurement.
Both analog integration mode and digital integration mode can
perform coarse loop ambient rejection.
The fine tuning loop updates the ambient information after each
dark sample measurement. This feature is available only in digital
integration mode.
The MCU mode allows the user to subtract the ambient current.
The DAC_AMBIENT_CH1_x and DAC_AMBIENT_CH2_x bits are
designed to allow the user to fill in the current ambient value, and
the AFE then subtracts that value from the signal chain. DAC_AM-
BIENT_CH1_x and DAC_AMBIENT_CH2_x are 9-bit fields, with
each LSB representing a 0.6 μA step in a 0 μA to 300 μA range.
LED DC Cancellation
Besides the ambient DAC, there is another IDAC at the input of
each signal chain. This IDAC is used to subtract the unwanted dc
component in the reflected LED to increase the dynamic range of
the receiver channel.
These two IDACs are controlled by the MCU only. The
DAC_LED_DC_CH1_x and DAC_LED_DC_CH2_x bits control the
LED dc canceling, 7-bit IDAC with full scale.
The LED dc subtraction feature is available only for digital integra-
tion mode.
A certain amount of dc current can be subtracted from the
AFE based on the top level optical and system design.
DAC_LED_DC_CH1_x and DAC_LED_DC_CH2_x are 7-bit fields,
with each LSB representing a 1.5 μA step in a 0 μA to 190 μA
range.
LED Drivers
The optical path has two LED drivers, each of which is brought
out to two LED driver outputs, providing a total of four LED output
drivers. The device can drive up to two LEDs simultaneously, one
from each driver pair. The LED output driver is a current sink.
Figure 28 shows an example of a single LED driver output pair.
Figure 28. LED Driver Output Pair
The LED driver output pins (LED1A, LED1B, LED2A, and LED2B)
have a maximum allowable pin voltage of 3.6 V. Any voltage expo-
sure over this rating affects the reliability of the device operation
and, in certain circumstances, causes the device to cease proper
operation. The voltage of the LED driver output pins must not be
confused with the supply voltages of the LEDs. VLEDx is the voltage
applied to the anode of the external LED, whereas the LED output
driver pin is connected to the cathode of the external LED. The
compliance voltage is the amount of headroom voltage at the LED
driver pin, measured with respect to ground, required to maintain
the programmed LED current level. The compliance voltage is a
function of the current required.
ECG SIGNAL CHAIN
The ECG channel measures the differential voltage across two
electrodes to create a lead measurement. The output of this chan-
nel is a 24-bit digital word representing the measured ECG voltage.
The maximum input differential signal is ±1.2 V, and the LSB size is
286 nV. The output data rate can be 250 SPS, 500 SPS, 1 kSPS, 2
kSPS, or 4 kSPS. This filter selection affects the digital processing
but not the analog processing. Additionally, a 4 kHz ac lead off
signal is converted by the analog ECG path and extracted in the
digital domain.
The ECG channel has a dedicated ADC path with feedback ar-
rangement to remove the dc offset presented by the ECG electro-
des. The ECG channel is designed to provide a high quality ECG
signal process while suppressing the large dc offset that is caused
by the complex system design.
Both DCLO detection and ACLO detection are integrated to accom-
modate different complex lead contact conditions to provide reliable
lead information.
The RLD pin is designed to better bias the human body potential to
avoid interference.
ECGIP and ECGIN are the signal inputs for the ECG channel, and
they must be connected to the input leads. The RLD pin must be
connected to the reference lead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com