Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 6Page - Analog Devices ADPD6000 Datasheet HTML 7Page - Analog Devices ADPD6000 Datasheet HTML 8Page - Analog Devices ADPD6000 Datasheet HTML 9Page - Analog Devices ADPD6000 Datasheet HTML 10Page - Analog Devices ADPD6000 Datasheet HTML 11Page - Analog Devices ADPD6000 Datasheet HTML 12Page - Analog Devices ADPD6000 Datasheet HTML 13Page - Analog Devices ADPD6000 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
Data Sheet
ADPD6000
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 10 of 89
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
F5
AVDD
Power
1.8 V Analog Power Supply.
B4
AVDD3
Power
3.3 V Analog Power Supply.
E5
AGND
Power
Analog Ground.
D1
DVDD
Power
1.8 V Digital Power Supply.
D2
DGND
Power
Digital Ground.
B3
IOVDD
Power
I/O Power Supply.
D3
IOGND
Power
I/O Ground.
B6
LGND
Power
LED Ground.
F4
VREF1
Analog
ADC 1 Reference.
E4
VREF2
Analog
ADC 2 Reference.
F3
VC1
Analog
Output Voltage Source 1 for Photodiode Common Cathode Bias or Other Sensor Stimulus.
E3
VC2
Analog
Output Voltage Source 2 for Photodiode Common Cathode Bias or Other Sensor Stimulus.
F1
IN1
Analog
Current Input 1.
E1
IN2
Analog
Current Input 2.
F2
IN3
Analog
Current Input 3.
E2
IN4
Analog
Current Input 4.
A6
LED1A
Analog
LED Driver 1A.
B5
LED1B
Analog
LED Driver 1B.
A5
LED2A
Analog
LED Driver 2A.
A4
LED2B
Analog
LED Driver 2B.
F6
ECGIP
Analog
ECG Positive Input.
E6
ECGIN
Analog
ECG Negative Input.
D4
RLD
Analog
Right LED Driver.
C5
IMPIP
Analog
BIA Positive Input.
D5
IMPIN
Analog
BIA Negative Input.
C3
EXCP
Analog
BIA Excitation Positive Output.
C4
EXCN
Analog
BIA Excitation Negative Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com