Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD6000 Datasheet(PDF) 69 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 65Page - Analog Devices ADPD6000 Datasheet HTML 66Page - Analog Devices ADPD6000 Datasheet HTML 67Page - Analog Devices ADPD6000 Datasheet HTML 68Page - Analog Devices ADPD6000 Datasheet HTML 69Page - Analog Devices ADPD6000 Datasheet HTML 70Page - Analog Devices ADPD6000 Datasheet HTML 71Page - Analog Devices ADPD6000 Datasheet HTML 72Page - Analog Devices ADPD6000 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 69 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
0x7: IN1 connected to VC2. IN2 connected to VC1.
0x8: IN1 floating. IN2 connected to VC1.
0x9: IN1 floating. IN2 connected to VC2.
0x0021 INPUT_CFG
[15:8]
RESERVED
Reserved.
0x0
R
[7:6]
VC2_SLEEP
VC2 sleep state.
0x0
R/W
00: VC2 set to AVDD during sleep.
01: VC2 set to GND during sleep.
10: VC2 floating during sleep.
[5:4]
VC1_SLEEP
VC1 sleep state.
0x0
R/W
00: VC1 set to AVDD during sleep.
01: VC1 set to GND during sleep.
10: VC1 floating during sleep.
[3:2]
RESERVED
Reserved.
0x0
R
1
PAIR34
Input pair configuration.
0x0
R/W
0: use as two single-ended inputs.
1: use as a differential pair.
0
PAIR12
Input pair configuration.
0x0
R/W
0: use as two single-ended inputs.
1: use as a differential pair.
0x0022 GPIO_CFG
[15:14]
GPIO_SLEW
Slew control for GPIOx pins.
0x0
R/W
00: slowest.
01: slow.
10: fastest.
11: fast.
[13:12]
GPIO_DRV
Drive control for GPIOx pins.
0x0
R/W
00: medium.
01: weak.
10: strong.
11: strong.
[11:9]
RESERVED
Reserved.
0x0
R/W
[8:6]
GPIO_PIN_CFG2
GPIO2 pin configuration.
0x0
R/W
000: disabled (tristate, input buffer off).
001: enabled input.
010: output–normal.
011: output–inverted.
100: pull-down only–normal.
101: pull-down only–inverted.
110: pull-up only–normal.
111: pull-up only–inverted.
[5:3]
GPIO_PIN_CFG1
GPIO1 pin configuration.
0x0
R/W
000: disabled (tristate, input buffer off).
001: enabled Input.
010: output–normal.
011: output–inverted.
100: pull-down only–normal.
101: pull-down only–inverted.
110: pull-up only–normal.
111: pull-up only–inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com