Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 175 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 171Page - STMicroelectronics L9788 Datasheet HTML 172Page - STMicroelectronics L9788 Datasheet HTML 173Page - STMicroelectronics L9788 Datasheet HTML 174Page - STMicroelectronics L9788 Datasheet HTML 175Page - STMicroelectronics L9788 Datasheet HTML 176Page - STMicroelectronics L9788 Datasheet HTML 177Page - STMicroelectronics L9788 Datasheet HTML 178Page - STMicroelectronics L9788 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 264 page
background image
DS12308 Rev 4
175/264
L9788
DAC
263
16
DAC
Device integrates a 2-bit DAC, with 4 possible output voltages between 0V and VDD5_IN.
The selected level is determined by 2 bits DAC[0:1] into CONFIG_REG_7.
Conditions:
5.5 V ≤ VB_IN ≤ 18 V, 4.75 V ≤ VDD_IO ≤ 5.25 V, Tj -40 to 175 °C unless otherwise
specified.
Table 83. DAC electrical parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
V00
Output voltage 00
-
0.7
1
V
AD_TEST
V01
Output voltage 01
-
1.5
1.8
V
AD_TEST
V10
Output voltage 10
-
2.2
2.8
V
AD_TEST
V11
Output voltage 11
-
3.6
4.7
V
AD_TEST
trise
Rising time
Transition from 00 to
11 10%-90% open
-
-
10
µs
AD_TEST
tfall
Falling time
Transition from 11 to
00 90%-10% open
-
-
10
µs
AD_TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com