Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 177 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 173Page - STMicroelectronics L9788 Datasheet HTML 174Page - STMicroelectronics L9788 Datasheet HTML 175Page - STMicroelectronics L9788 Datasheet HTML 176Page - STMicroelectronics L9788 Datasheet HTML 177Page - STMicroelectronics L9788 Datasheet HTML 178Page - STMicroelectronics L9788 Datasheet HTML 179Page - STMicroelectronics L9788 Datasheet HTML 180Page - STMicroelectronics L9788 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 264 page
background image
DS12308 Rev 4
177/264
L9788
Micro second channel (MSC) interface
263
18
Micro second channel (MSC) interface
18.1
Function description
The Micro Second Channel interface is an adapted high performance serial bus for power
switch device.
L9788 has one Micro Second Channel slave controller capable of receiving up to 35 MHz
downstream and transmitting up to 2.18 MBaud upstream.
MSC Clock is supported with synchronous continuous mode. Master clock and data are
implemented by LVDS. Slave data out signal is implemented by LVTTL.
Figure 81. MSC communication timing diagram
Conditions:
5.5 V ≤ VB_IN ≤ 18 V, 4.75 V ≤ VDD_IO ≤ 5.25 V, Tj -40 to 175 °C unless otherwise
specified.
MSC_CK
tCK
tCKhigh
tCKlow
tsetup thold
tswitch
tENhold
tENsetup
t
t
t
t
tSDOdelay
Active phase
Active phase
Passive phase
MSC_DI
MSC_EN
MSC_DO
GADG1212161611PS
Table 85. MSC communication timing parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
tCK
Cycle time
Tested by SCAN/
25
-
-
ns
-
tsetup
Data setup time
Tested by SCAN/
5
-
-
ns
-
thold
Data hold time
Tested by SCAN/
5
-
-
ns
-
tswitch
Switching time switching time
for CL, EN and SI measured
between 0.1*VVDD3 and
0.9*VVDD3
Tested by SCAN/
-
-
3
ns
-
tCKlow
CK low time
Tested by SCAN/
7.5
-
-
ns
-
tCKhigh
CK high time
Tested by SCAN/
7.5
-
-
ns
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com