Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 176 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 172Page - STMicroelectronics L9788 Datasheet HTML 173Page - STMicroelectronics L9788 Datasheet HTML 174Page - STMicroelectronics L9788 Datasheet HTML 175Page - STMicroelectronics L9788 Datasheet HTML 176Page - STMicroelectronics L9788 Datasheet HTML 177Page - STMicroelectronics L9788 Datasheet HTML 178Page - STMicroelectronics L9788 Datasheet HTML 179Page - STMicroelectronics L9788 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 264 page
background image
ADC
L9788
176/264
DS12308 Rev 4
17
ADC
A 10-bit ADC converter is integrated into the device in order to give information about silicon
temperature.
A 10-bit conversion can be read with READ_COMMAND12 MSC frame. Conversion
formula is T=MSCcode*290/1024 - 63 (°C).
Conditions:
5.5 V ≤ VB_IN ≤ 18 V, 4.75 V ≤ VDD_IO ≤ 5.25 V, Tj -40 to 175 °C unless otherwise
specified.
Table 84. ADC electrical parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
ADC_bits
ADC effective number of bits
Guaranteed by
design
-10
-
-
-
Trange
Internal junction temperature range
Guaranteed by
design
-50
-
200
°C
-
Tacc
Temperature accuracy
Guaranteed by
design
-10
-
10
°C
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com