Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 180 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 176Page - STMicroelectronics L9788 Datasheet HTML 177Page - STMicroelectronics L9788 Datasheet HTML 178Page - STMicroelectronics L9788 Datasheet HTML 179Page - STMicroelectronics L9788 Datasheet HTML 180Page - STMicroelectronics L9788 Datasheet HTML 181Page - STMicroelectronics L9788 Datasheet HTML 182Page - STMicroelectronics L9788 Datasheet HTML 183Page - STMicroelectronics L9788 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 264 page
background image
Micro second channel (MSC) interface
L9788
180/264
DS12308 Rev 4
Conditions:
5.5 V ≤ VB_IN ≤ 18 V, 4.75 V ≤ VDD_IO ≤ 5.25 V, Tj -40 to 175 °C unless otherwise
specified.
Table 86. MSC electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VCK_P,VCK_N Input voltage range
Not to be tested. It is
an application note.
0.8
-
1.6
V
MSC_CK_P
MSC_CK_N
VCKdiff
Differential input voltage
VCKdiff =|VCK_P –
VCK_N|
Not to be tested. It is
an application note.
150
-
450
mV
MSC_CK_P
MSC_CK_N
VCKoff
Input voltage offset
VCKoff =0.5*(VCK_P +
VCK_N)
Not to be tested. It is
an application note.
1-
1.4
V
MSC_CK_P
MSC_CK_N
Rck
EXTERNAL Resistor
between CK_P and
CK_N
Not to be tested. It is
an application note.
100
-
Ω
MSC_CK_P
MSC_CK_N
Rpu_N
Internal pull-up resistor
-
100
200
400
kΩ
MSC_CK_P
MSC_CK_N
Rpd_P
Internal pulldown
resistor
-
100
200
400
kΩ
MSC_CK_P
MSC_CK_N
VCK_high
Differential input high
detection level
VCK_high=
VCK_P_high –
VCK_N_high
--
-
100
mV
MSC_CK_P
MSC_CK_N
VCK_low
Differential input low
detection level
VCK_low= VCK_P_low
– VCK_N_low
--100
-
-
mV
MSC_CK_P
MSC_CK_N
VDI+,VDI-
Input voltage range
Not to be tested. It is
an application note.
0.8
-
1.6
V
MSC_DI_P
MSC_DI_N
VDIdiff
Differential input voltage
VDIdiff =|VDI_P-VDI_N|
Not to be tested. It is
an application note.
150
-
450
mV
MSC_DI_P
MSC_DI_N
VDIoff
Input voltage offset
VDIoff =0.5*(VDI_P
+VDI_N)
Not to be tested. It is
an application note.
1-
1.4
V
MSC_DI_P
MSC_DI_N
Rcl
Resistor between DI_P
and DI_N
Not to be tested. It is
an application note.
-
100
-
Ω
MSC_DI_P
MSC_DI_N
Rpu_N
Internal pull-up resistor
-
100
200
400
kΩ
MSC_DI_P
MSC_DI_N
Rpd_P
Internal pulldown
resistor
-
100
200
400
kΩ
MSC_DI_P
MSC_DI_N
VDI_high
Differential input high
detection level
VDI_high= VDI_P_high-
VDI_N_high
--
-
100
mV
MSC_DI_P
MSC_DI_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com