Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 179 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 179 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 175Page - STMicroelectronics L9788 Datasheet HTML 176Page - STMicroelectronics L9788 Datasheet HTML 177Page - STMicroelectronics L9788 Datasheet HTML 178Page - STMicroelectronics L9788 Datasheet HTML 179Page - STMicroelectronics L9788 Datasheet HTML 180Page - STMicroelectronics L9788 Datasheet HTML 181Page - STMicroelectronics L9788 Datasheet HTML 182Page - STMicroelectronics L9788 Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 264 page
background image
DS12308 Rev 4
179/264
L9788
Micro second channel (MSC) interface
263
Figure 82. Communication diagram between µC and U-CHIP
Figure 83. MSC voltage levels diagram
U-chip
EN
CLP
CLN
DIP
DIN
Downstream
Upstream
Divider
DO
μC
GADG1312161115PS
MSC_CK_P
MSC_DI_N
t
1.6 V
1.2 V
0.8 V
MSC_CK_P
MSC_DI_N
MSC_CK
MSC_DI
MSC_CK = MSC_CK_P - MSC_CK_N
MSC_DI = MSC_DI_P - MSC_DI_N
t
t
1.6 V
1.2 V
0.8 V
100 mV
+450 mV
+150 mV
-100 mV
‘1’
‘0’
GADG1312161143PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com