Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 178 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 178 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 174Page - STMicroelectronics L9788 Datasheet HTML 175Page - STMicroelectronics L9788 Datasheet HTML 176Page - STMicroelectronics L9788 Datasheet HTML 177Page - STMicroelectronics L9788 Datasheet HTML 178Page - STMicroelectronics L9788 Datasheet HTML 179Page - STMicroelectronics L9788 Datasheet HTML 180Page - STMicroelectronics L9788 Datasheet HTML 181Page - STMicroelectronics L9788 Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 264 page
background image
Micro second channel (MSC) interface
L9788
178/264
DS12308 Rev 4
The MSC is used to receive the input command and data from CPU and to transmit an
output data to CPU. Four signals are used according to the timing chart of Figure 81:
EN: Bus Enable
There is one input for chip select at pin [EN] This signal is LVTTL Interface from Master to
Slave. MSC uses inverted polarity for EN: a logic '1' is a 'passive level' and a logic '0' is a
'active level'. It is possible to drive multiple power devices with shared CL and DI lines and
individual EN signal.
CL: Synchronous Serial Clock
The clock pins are [CLP] and [CLN], the differential clock. [CLP]-[CLN] is referred to as CL.
The maximum downstream clock rate is CL= 35 MHz.There is an internal resistor between
pins [CLP] and [CLN].This signals are LVDS Interface from Master to Slave.
DI: Serial Input Data
Differential inputs for downstream data are pins [DIP] and [DIN]; the differential input signal
[DIP]-[DIN] is referred to as DI. There is an internal resistor between pins [DIPP] and [DIN].
These signals are LVDS Interface from Master to Slave
DO: Serial Output Data
There is one push-pull output for upstream data at pin [DO]. Upstream is done with a lower
clock rate fDO, selectable by the microcontroller; after a reset the upstream clock rate is fDO
= fCL/32.The upstream clock is synchronous with CL since it is derived from a clock
divider.Therefore the CL signal must be always running independently whether a
downstream transmission is running or not.This signal is LVTTL Interface from Slave to
Master.
tENsetup
EN setup time (i.e. time
between falling edge of EN and
next falling edge of CK)
Tested by SCAN/
5
-
-
ns
-
tENhold
EN hold time (i.e. time between
falling edge of CK and next
rising edge of EN)
Tested by SCAN/
5
-
-
ns
-
tSDO /tCK
Data out cycle time F_DO_SEL
(CONFIG_REG2 [1:2]) = “11”
F_DO_SEL = “10” F_DO_SEL
= “01” F_DO_SEL = “00”
Tested by SCAN/
-
128
64
32
16
--
-
fCK
Clock range at CK as long as
there is a clock at pins
MSC_CK_P,
MSC_CK_N. tCPP ≥ 2 * tCL
Tested by SCAN/
-
-
35
MHz
-
Clock range at CK as long as
there is a clock at pins
MSC_CK_P,
MSC_CK_N. tCPP ≥ 4 * tCL
Tested by SCAN/
-
-
40
MHz
-
-
tSDOdelay
Tested by SCAN/
-
-
160
ns
-
Table 85. MSC communication timing parameters (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com