Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 218 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 218 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 214Page - Cirrus Logic CS47L35 Datasheet HTML 215Page - Cirrus Logic CS47L35 Datasheet HTML 216Page - Cirrus Logic CS47L35 Datasheet HTML 217Page - Cirrus Logic CS47L35 Datasheet HTML 218Page - Cirrus Logic CS47L35 Datasheet HTML 219Page - Cirrus Logic CS47L35 Datasheet HTML 220Page - Cirrus Logic CS47L35 Datasheet HTML 221Page - Cirrus Logic CS47L35 Datasheet HTML 222Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 300 page
background image
218
DS1085F3
CS47L35
4.19 Charge Pumps, Regulators, and Voltage Reference
4.19 Charge Pumps, Regulators, and Voltage Reference
The CS47L35 incorporates two charge-pump circuits and an LDO-regulator circuit to generate supply rails for internal
functions and to support external microphone requirements. The CS47L35 also provides two MICBIAS generators (with
four switchable outputs), which provide low noise reference voltages suitable for biasing ECM-type microphones or
powering digital microphones.
Refer to Section 5.1 for recommended external components.
The CPVDD1 domain (1.8 V) powers the Charge Pump 1 and Charge Pump 2 circuits. The CPVDD2 power domain
(1.2 V) is an additional supply used by Charge Pump 1 only.
4.19.1 Charge Pump 1
Charge Pump 1 (CP1) is used to generate the positive and negative supply rails for the analog output drivers. CP1 is
enabled automatically by the CS47L35 when required by the output drivers.
The Charge Pump 1 circuit is shown in Fig. 4-74.
4.19.2 Charge Pump 2 and LDO2 Regulator
Charge Pump 2 (CP2) powers LDO2, which provides the supply rail for analog input circuits and for the MICBIAS
generators. CP2 and LDO2 are enabled by setting CP2_ENA.
The 32-kHz clock must be configured and enabled when using CP2. See Section 4.16 for details of the system clocks.
When CP2 and LDO2 are enabled, the MICVDD voltage is selected using the LDO2_VSEL field. Note that, when one or
more of the MICBIAS generators is operating in normal (regulator) mode, the MICVDD voltage must be at least 200 mV
greater than the highest selected MICBIASn output voltages.
When CP2 and LDO2 are enabled, an internal bypass path may be selected, connecting the MICVDD pin directly to the
CPVDD1 supply. This path is controlled using the CP2_BYPASS bit. Note that the bypass path is only supported when
CP2 is enabled.
When CP2 is disabled, the CP2VOUT pin can be configured to be floating or to be actively discharged. This is selected
using the CP2_DISCH bit.
When LDO2 is disabled, the MICVDD pin can be configured to be floating or to be actively discharged. This is selected
using the LDO2_DISCH bit.
The MICVDD pin is connected to the output of LDO2. Note that the MICVDD does not support direct connection to an
external supply; MICVDD is always powered internally to the CS47L35.
The Charge Pump 2 and LDO2 Regulator circuits are shown in Fig. 4-74. The associated control bits are described in
Table 4-112.
Note that decoupling capacitors and flyback capacitors are required for these circuits. Refer to Section 5.1 for
recommended external components.
4.19.3 Microphone Bias (MICBIAS) Control
There are two MICBIAS generators, which provide low-noise reference voltages suitable for biasing ECM-type
microphones or powering digital microphones. Refer to Section 5.1.3 for recommended external components.
Table 4-111. Write Sequencer Memory Allocation
Description
Sequence Index Range
Default Sequences
0 to 114
User Space
115 to 223
Boot Sequence
224 to 251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com