Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 219 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 219 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 215Page - Cirrus Logic CS47L35 Datasheet HTML 216Page - Cirrus Logic CS47L35 Datasheet HTML 217Page - Cirrus Logic CS47L35 Datasheet HTML 218Page - Cirrus Logic CS47L35 Datasheet HTML 219Page - Cirrus Logic CS47L35 Datasheet HTML 220Page - Cirrus Logic CS47L35 Datasheet HTML 221Page - Cirrus Logic CS47L35 Datasheet HTML 222Page - Cirrus Logic CS47L35 Datasheet HTML 223Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 300 page
background image
DS1085F3
219
CS47L35
4.19 Charge Pumps, Regulators, and Voltage Reference
The MICBIAS generators are powered from MICVDD, which is generated by an internal charge pump and LDO, as shown
in Fig. 4-74.
Switchable outputs from the MICBIAS generators allow four separate reference/supply outputs to be independently
controlled. The MICBIAS regulators are enabled using the MICB1_ENA and MICB2_ENA bits. The MICBIAS output
switches are enabled using MICB1A_ENA, MICB1B_ENA, MICB2A_ENA, and MICB2B_ENA.
Note that, to enable any of the MICBIASnx outputs, both the output switch and the respective regulator must be enabled.
When a MICBIAS output is disabled, it can be configured to be floating or to be actively discharged. This is configured
using the MICBn_DISCH bits (for the MICBIAS regulators), and the MICBnx_DISCH bits (for the switched outputs). Each
discharge path is only effective when the respective regulator, or switched output, is disabled.
The MICBIAS generators can each operate in Regulator Mode or in Bypass Mode. The applicable mode is selected using
the MICBn_BYPASS bits.
In Regulator Mode (MICBn_BYPASS = 0), the output voltage is selected using the MICBn_LVL fields. In this mode,
MICVDD must be at least 200mV greater than the required MICBIAS output voltages. The MICBIAS outputs are powered
from the MICVDD pin and use the internal band-gap circuit as a reference.
In Regulator Mode, the MICBIAS regulators are designed to operate without external decoupling capacitors. The
regulators can be configured to support a capacitive load if required, using the MICBn_EXT_CAP bits. (This may be
appropriate for a DMIC supply.) It is important that the external capacitance is compatible with the applicable MICBn_EXT_
CAP setting. The compatible load conditions are detailed in Table 3-11.
In Bypass Mode (MICBn_BYPASS = 1), the respective outputs (MICBIASnx), when enabled, are connected directly to
MICVDD. This enables a low power operating state. Note that the MICBn_EXT_CAP settings are not applicable in Bypass
Mode—there are no restrictions on the external MICBIAS capacitance in Bypass Mode.
The MICBIAS generators incorporate a pop-free control circuit to ensure smooth transitions when the MICBIAS outputs
are enabled or disabled in Bypass Mode; this feature is enabled using the MICBn_RATE bits.
The MICBIAS generators are shown in Fig. 4-74. The MICBIAS control fields are described in Table 4-112.
The maximum output current for each MICBIAS regulator is noted in Table 3-11. This limit must be observed for each pair
of MICBIASnx outputs, especially if more than one microphone is connected to a single regulator. Note that the maximum
output current differs between Regulator Mode and Bypass Mode.
4.19.4 Voltage-Reference Circuit
The CS47L35 incorporates a voltage-reference circuit, powered by AVDD. This circuit ensures the accuracy of the
LDO-regulator and MICBIAS voltage settings.
4.19.5 Block Diagram and Control Registers
The charge-pump and regulator circuits are shown in Fig. 4-74. Note that decoupling capacitors and flyback capacitors
are required for these circuits. Refer to Section 5.1 for recommended external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com