Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 222 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 222 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 218Page - Cirrus Logic CS47L35 Datasheet HTML 219Page - Cirrus Logic CS47L35 Datasheet HTML 220Page - Cirrus Logic CS47L35 Datasheet HTML 221Page - Cirrus Logic CS47L35 Datasheet HTML 222Page - Cirrus Logic CS47L35 Datasheet HTML 223Page - Cirrus Logic CS47L35 Datasheet HTML 224Page - Cirrus Logic CS47L35 Datasheet HTML 225Page - Cirrus Logic CS47L35 Datasheet HTML 226Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 300 page
background image
222
DS1085F3
CS47L35
4.19 Charge Pumps, Regulators, and Voltage Reference
Table 4-113 lists the LDO2 voltage control settings.
R537 (0x0219)
Mic_Bias_Ctrl_2
15 MICB2_EXT_CAP
0
Microphone Bias 2 External Capacitor (when MICB2_BYPASS = 0). Configures the
MICBIAS2 regulator according to the specified capacitance connected to the
MICBIAS2x outputs.
0 = No external capacitor
1 = External capacitor connected
8:5 MICB2_LVL[3:0]
0x7
Microphone Bias 2 Voltage Control (when MICB2_BYPASS = 0)
0x0 = 1.5 V
0x1 = 1.6 V
… (0.1-V steps)
0xC = 2.7 V
0xD to 0xF = 2.8 V
3
MICB2_RATE
0
Microphone Bias 2 Rate (Bypass Mode)
0 = Fast start-up/shutdown
1 = Pop-free start-up/shutdown
2
MICB2_DISCH
1
Microphone Bias 2 Discharge
0 = MICBIAS2 floating when disabled
1 = MICBIAS2 discharged when disabled
1
MICB2_BYPASS
1
Microphone Bias 2 Mode
0 = Regulator Mode
1 = Bypass Mode
0
MICB2_ENA
0
Microphone Bias 2 Enable
0 = Disabled
1 = Enabled
R540 (0x021C)
Mic_Bias_Ctrl_5
5
MICB1B_DISCH
0
Microphone Bias 1B Discharge
0 = MICBIAS1B floating when disabled
1 = MICBIAS1B discharged when disabled
4
MICB1B_ENA
0
Microphone Bias 1B Enable
0 = Disabled
1 = Enabled
1
MICB1A_DISCH
0
Microphone Bias 1A Discharge
0 = MICBIAS1A floating when disabled
1 = MICBIAS1A discharged when disabled
0
MICB1A_ENA
0
Microphone Bias 1A Enable
0 = Disabled
1 = Enabled
R542 (0x021E)
Mic_Bias_Ctrl_6
5
MICB2B_DISCH
0
Microphone Bias 2B Discharge
0 = MICBIAS2B floating when disabled
1 = MICBIAS2B discharged when disabled
4
MICB2B_ENA
0
Microphone Bias 2B Enable
0 = Disabled
1 = Enabled
1
MICB2A_DISCH
0
Microphone Bias 2A Discharge
0 = MICBIAS2A floating when disabled
1 = MICBIAS2A discharged when disabled
0
MICB2A_ENA
0
Microphone Bias 2A Enable
0 = Disabled
1 = Enabled
1.See Table 4-113 for LDO2 output voltage definition.
Table 4-113. LDO2 Voltage Control
LDO2_VSEL[5:0]
LDO Output
LDO2_VSEL[5:0]
LDO Output
LDO2_VSEL[5:0]
LDO Output
0x00
0.900 V
0x10
1.300 V
0x20
2.600 V
0x01
0.925 V
0x11
1.325 V
0x21
2.700 V
0x02
0.950 V
0x12
1.350 V
0x22
2.800 V
0x03
0.975 V
0x13
1.375 V
0x23
2.900 V
0x04
1.000 V
0x14
1.400 V
0x24
3.000 V
0x05
1.025 V
0x0E
1.250 V
0x1C
2.200 V
Table 4-112. Charge-Pump and LDO Control Registers (Cont.)
Register Address Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com