Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 224 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 224 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 220Page - Cirrus Logic CS47L35 Datasheet HTML 221Page - Cirrus Logic CS47L35 Datasheet HTML 222Page - Cirrus Logic CS47L35 Datasheet HTML 223Page - Cirrus Logic CS47L35 Datasheet HTML 224Page - Cirrus Logic CS47L35 Datasheet HTML 225Page - Cirrus Logic CS47L35 Datasheet HTML 226Page - Cirrus Logic CS47L35 Datasheet HTML 227Page - Cirrus Logic CS47L35 Datasheet HTML 228Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 300 page
background image
224
DS1085F3
CS47L35
4.22 Power-On Reset (POR)
4.21.2 Short Circuit Protection
The short-circuit detection function for the Class D speaker outputs is triggered when the respective output drivers are
enabled (see Table 4-64). If a short circuit is detected at this time, the enable does not succeed, and the respective output
driver is not enabled.
The Class D speaker short-circuit detection provides inputs to the interrupt control circuit and can be used to trigger an
interrupt event; see Section 4.15. If the Class D speaker short-circuit condition is detected, the respective drivers are
automatically disabled in order to protect the device. When the speaker driver shutdown is complete, a further interrupt,
SPK_SHUTDOWN_EINTn, is asserted.
To enable the Class D speaker outputs following a short-circuit detection, the host processor must disable and reenable
the output drivers. Note that the short-circuit status bits are always cleared when the drivers are disabled.
The short-circuit detection function for the headphone and earpiece output paths operates continuously if the respective
output driver is enabled. If a short circuit is detected on the headphone or earpiece output, current limiting is applied to
protect the respective output driver. Note that the driver continues to operate, but the output is current-limited.
The headphone and earpiece short-circuit detection functions provide input to the interrupt control circuit and can be used
to trigger an interrupt event when a short-circuit condition is detected; see Section 4.15.
4.21.3 Timer-Controlled Speaker Shutdown
The general-purpose timers (see Section 4.5.3) can also be used to trigger a shutdown of the Class D speaker drivers.
This is configured using the SPK_SHUTDOWN_TIMER_SEL field, as described in Table 4-114.
If one of the general-purpose timers is selected for the speaker shutdown function, and the respective timer reaches its
final count value, the Class D speaker drivers are automatically disabled. When the driver shutdown is complete, an
interrupt event (SPK_SHUTDOWN_EINTn) is signaled.
To enable the Class D speaker outputs following a timeout condition, the host processor must disable and reenable the
output drivers.
4.21.4 GPIO Output
The thermal status, Class D speaker short-circuit protection, and Class D speaker shutdown flags can be output directly
on a GPIO pin as an external indication of the associated events. See Section 4.14 to configure a GPIO pin for this
function.
4.22 Power-On Reset (POR)
The CS47L35 remains in the reset state until AVDD, DBVDD1, and DCVDD are above their respective reset thresholds.
Note that specified device performance is not assured outside the voltage ranges defined in Table 3-3.
After the initial power-up, the POR is rescheduled following an interruption to the DBVDD1 or AVDD supplies.
If the CS47L35 SLIMbus component is in its operational state, it must be reset before scheduling a POR. See Section 4.10
for details of the SLIMbus reset control messages.
Table 4-114. Speaker Shutdown—Timer Control
Register Address
Bit
Label
Default
Description
R620 (0x026D)
SPK_Watchdog_1
3:0
SPK_
SHUTDOWN_
TIMER_SEL[3:0]
0x0
Speaker Shutdown Timer select. Unlisted codes are reserved
0x0 = Disabled
0x1 = Timer 1
0x2 = Timer 2
0x3 = Timer 3
0x4 = Timer 4
All other codes are reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com