Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 227 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 227 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 223Page - Cirrus Logic CS47L35 Datasheet HTML 224Page - Cirrus Logic CS47L35 Datasheet HTML 225Page - Cirrus Logic CS47L35 Datasheet HTML 226Page - Cirrus Logic CS47L35 Datasheet HTML 227Page - Cirrus Logic CS47L35 Datasheet HTML 228Page - Cirrus Logic CS47L35 Datasheet HTML 229Page - Cirrus Logic CS47L35 Datasheet HTML 230Page - Cirrus Logic CS47L35 Datasheet HTML 231Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 300 page
background image
DS1085F3
227
CS47L35
4.23 Hardware Reset, Software Reset, Wake-Up, and Device ID
4.23.2 Software Reset
A software reset is executed by writing any value to register R0. A software reset causes most of the CS47L35 control
registers to be reset to their default states. Note that the control-write sequencer memory is retained during software reset.
Note that the first register read/write operation following a software reset may be unsuccessful, if the register access is
attempted via a different control interface to the one that commanded the software reset. Note that only the first register
read/write is affected, and only when using more than one control interface.
4.23.3 Wake-Up
The CS47L35 is in Sleep Mode when AVDD and DBVDD1 are present, and DCVDD is below its reset threshold. (Note
that specific control requirements are also applicable for entering Sleep Mode, as described in Section 4.13.)
In Sleep Mode, most of the digital core (and control registers) are held in reset; selected functions and control registers
are maintained via an always-on internal supply domain. See Section 4.13 for details of the always-on functions.
A wake-up transition (from Sleep Mode) is similar to a software reset, but selected functions and control registers are
maintained via an always-on internal supply domain—the always-on registers are not reset during wake-up. See
Section 4.13 for details of the always-on functions.
4.23.4 Write Sequencer and DSP Firmware Memory Control in Reset and Wake-Up
The control-write sequencer memory contents reverts to its default contents following power-on reset, a hardware reset,
or a Sleep Mode transition. The control sequences (including any user-defined sequences) are maintained in the
sequencer memory through software reset.
The DSP firmware memory contents are cleared following power-on reset, a hardware reset, or a Sleep Mode transition.
The firmware memory contents are not affected by software reset, provided DCVDD is held above its reset threshold.
See Section 5.2 for a summary of the CS47L35 memory reset conditions.
4.23.5 Boot Sequence
Following hardware reset, software reset, or wake-up from Sleep Mode, a boot sequence is executed. The BOOT_DONE_
STSx bits (see Table 4-115) are deasserted during hardware reset and software reset, and also in Sleep Mode. The
BOOT_DONE_STSx bits are asserted on completion of the boot sequence. Control register writes should not be
attempted until BOOT_DONE_STSx has been asserted.
The BOOT_DONE_STSx status is an input to the interrupt control circuit and can be used to trigger an interrupt event; see
Section 4.15. Note that the BOOT_DONE_STS1 and BOOT_DONE_STS2 bits provide the same information.
For details of the boot sequence, see Section 4.18.
4.23.6 Digital I/O Status in Reset
The status of the CS47L35 digital I/O pins following hardware reset, software reset, or wake-up is described in
Section 4.22.2.
4.23.7 Device ID
The device ID can be read from Register R0. The hardware revision can be read from Register R1.
The software revision can be read from Register R2. The software revision code is incremented if software driver
compatibility or software feature support is changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com