Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 231 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 231 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 227Page - Cirrus Logic CS47L35 Datasheet HTML 228Page - Cirrus Logic CS47L35 Datasheet HTML 229Page - Cirrus Logic CS47L35 Datasheet HTML 230Page - Cirrus Logic CS47L35 Datasheet HTML 231Page - Cirrus Logic CS47L35 Datasheet HTML 232Page - Cirrus Logic CS47L35 Datasheet HTML 233Page - Cirrus Logic CS47L35 Datasheet HTML 234Page - Cirrus Logic CS47L35 Datasheet HTML 235Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 300 page
background image
DS1085F3
231
CS47L35
5.1 Recommended External Components
5.1.4
Headphone/Earpiece Driver Output Path
The CS47L35 provides a stereo headphone output driver and a mono (differential) earpiece output driver. Note that the
respective output signal path is common to both drivers; only one of these drivers may be enabled at any time. These
outputs are all ground referenced, allowing direct connection to the external loads. There is no requirement for
DC-blocking capacitors.
Under default register conditions, the headphone/earpiece output path is configured for stereo output on HPOUTL and
HPOUTR; this is ideal for stereo headphone loads. In Mono Mode, with the earpiece output driver selected, the output
path is configured for mono (differential) output on EPOUTP and EPOUTN; this is suitable for an earpiece or hearing coil
load.
The headphone output incorporates a common mode, or ground loop, feedback path that provides rejection of
system-related ground noise. The feedback pin must be connected to ground for normal operation of the headphone
outputs. The HPOUT feedback is supported on two pins—the applicable pin is selected using ACCDET_SRC.
The selected feedback pin should be connected to GND as close as possible to the respective headphone jack ground
pin, as shown in Fig. 5-5. In mono (differential) mode, the feedback pins should be connected to the ground plane that is
closest to the earpiece output PCB tracks.
It is recommended to ensure that the electrical characteristics of the PCB traces for each output pair are closely matched.
This is particularly important to matching the two traces of a differential (BTL) output.
Typical headphone and earpiece connections are shown in Fig. 5-5.
Figure 5-5. Headphone and Earpiece Connection
It is common for ESD diodes to be wired to pins that link to external connectors. This provides protection from potentially
harmful ESD effects. In a typical application, ESD diodes are recommended if the headphone path is used for external
headphone or line output.
The HPOUT outputs are ground-referenced, and the respective voltages may swing between +1.8V and –1.8V. The ESD
diode configuration must be carefully chosen.
The recommended ESD diode configuration for these ground-referenced outputs is shown in Fig. 5-6. The back-to-back
arrangement prevents clipping and distortion of the output signal.
Note that similar care is required when connecting the CS47L35 outputs to external circuits that provide input path ESD
protection; the configuration on those input circuits must be correctly designed to accommodate ground-referenced
signals.
Earpiece
The HPOUTFB1 or HPOUTFB2 pin is
selected by the ACCDET_SRC register bit.
HPOUTL
HPOUTR
HPOUTFB1
HPOUTFB2
EPOUTP
EPOUTN
CS47L35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com